Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 5Page - SONiX Technology Company SNL310 Datasheet HTML 6Page - SONiX Technology Company SNL310 Datasheet HTML 7Page - SONiX Technology Company SNL310 Datasheet HTML 8Page - SONiX Technology Company SNL310 Datasheet HTML 9Page - SONiX Technology Company SNL310 Datasheet HTML 10Page - SONiX Technology Company SNL310 Datasheet HTML 11Page - SONiX Technology Company SNL310 Datasheet HTML 12Page - SONiX Technology Company SNL310 Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SNL310
16-Bit LCD Controller
:
:
:
:
0x000000
0x000001
0x000002
Byte1
0x000003
0x000004
0x000005
:
:
:
:
Byte2
Byte3
Byte4
Byte5
Byte6
Word 1
Word 2
ROM/Flash/SRAM
Read from
SNL310
:
:
:
:
0x000000
0x000001
0x000002
Byte1
0x000003
0x000004
0x000005
:
:
:
:
Byte2
Byte3
Byte4
Byte5
Byte6
Byte1
ROM/Flash/SRAM
Byte2
Read from
SNL310
Figure-6
Figure-5 shows the hardware connection for 8-bit/16-bit mode for external memory
accessing. The memory size calculation of each external memory device is a little
difference between 8-bit and 16-bit mode because of the address pin “A[22]”.
In 16-bit mode, “A[22]” pin can be connected to external memory. And chip will read
one byte data from external memory twice to get a complete 16-bit instruction code or
data. So the maximum memory size can support up to 64M bits of each device.
In 8-bit mode, considering the memory mapping issue, user can’t connected “A[22]”
pin to external memory. So the maximum memory size can support up to 32M bits.
Figure-6 figures out how the data be read from external memory in 8-bit/16-bit mode.
However, all the data access from external memory is treated as RAM accessing
except executes user’s program from external memory. User should use indirection
RAM access instruction to read data from external memory. Therefore, each chip
selects pin representing a RAM bank in memory allocation of SNL310.
Device No.
RAM bank
Start address
End Address
1st external device 0x008 ~ 0x03F
0x0080000
0x03FFFFF
2nd external device 0x040 ~ 0x07F
0x0400000
0x07FFFFF
3rd external device 0x080 ~ 0x0BF
0x0800000
0x0BFFFFF
4th external device 0x0C0 ~ 0x0FF
0x0C00000
0x0FFFFFF
Table-2 Addressing Capability (16-Bit Mode)
Ver: 1.7
May 2, 2003
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com