Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 16 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 16 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 12Page - SONiX Technology Company SNL310 Datasheet HTML 13Page - SONiX Technology Company SNL310 Datasheet HTML 14Page - SONiX Technology Company SNL310 Datasheet HTML 15Page - SONiX Technology Company SNL310 Datasheet HTML 16Page - SONiX Technology Company SNL310 Datasheet HTML 17Page - SONiX Technology Company SNL310 Datasheet HTML 18Page - SONiX Technology Company SNL310 Datasheet HTML 19Page - SONiX Technology Company SNL310 Datasheet HTML 20Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SNL310
16-Bit LCD Controller
10.2 1-Bit Interface
SNL310 supports not just 8-bit interface but also 1-bit interface LCD driver. For this
kind LCD driver doesn’t include display RAM. All the display data is stored in host CPU.
So host CPU has to specify a dedicate interface to drive LCD driver. Beside the
interface, SNL310 reserves the last 2K words RAM (0x0800~0x0FFF) for stored the
display data, then interface circuit will send accurate signal to LCD driver
automatically.
P3.6~P3.10 can be configured to be 1-bit interface for LCD driver just by property
setting control register. Table-3 shows the relation between P3.6~P3.10 and LCD
driver interface.
I/O Pin
Extension Bus
Descriptions
P3.6
LSD
LCD serial data output
P3.7
LCO1
LCD serial mode clock out1
P3.8
LCO2
LCD serial mode clock out2
P3.9
LFC
LCD frame inversion control
P3.10
COMS
COM data synchronize signal
Table-3
10.3 LCD RAM Assignment
Generally, those 1-bit interface LCD drivers don’t built-in the LCD display RAM. All the
display data have been stored in CPU side. The SNL310 already built-in totally 4K
words RAM, so user can set a property value of LCD RAM start address (LRSA)
register to assign a RAM location for LCD display data. The start address setting
formula is shown as bellow:
Calculating formula of start address
If SEG number divided by 16
4096-(SEG numbe/16)*COM number => for B/W
4096-(SEG numbe/16)*COM number*2 => for 4 gray levels
If SEG number can’t divided by 16
4096-((SEG numbe/16)+1)*COM number => for B/W
4096-((SEG numbe/16)+1)*COM number*2 => for 4 gray levels
Once upon user set the start address of LCD display RAM and active this interface
function, chip will send the display data out to external LCD driver at the right time.
Ver: 1.7
May 2, 2003
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com