Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 2Page - SONiX Technology Company SNL310 Datasheet HTML 3Page - SONiX Technology Company SNL310 Datasheet HTML 4Page - SONiX Technology Company SNL310 Datasheet HTML 5Page - SONiX Technology Company SNL310 Datasheet HTML 6Page - SONiX Technology Company SNL310 Datasheet HTML 7Page - SONiX Technology Company SNL310 Datasheet HTML 8Page - SONiX Technology Company SNL310 Datasheet HTML 9Page - SONiX Technology Company SNL310 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SNL310
16-Bit LCD Controller
The modulation function will be active when the control bit “IREN” set to “1”. And
setting timer2 can generate the frequency of carry signal.
5. TIMER/COUNTER
SNL310 provides three 8-bit timer/event counters (T0/T1/T2). Each timer is 8-bit
binary up-count timer with pre-scalar and auto-reload function. Timer 0 (T0) was
used when voice playing, so user should avoid to use T0.
(system clock)/2*
Auto-reload
clear
comparator
MUX
/256
/8
/4
/2
If equal, Time out
8-bit Up
Counter
Enable
Pre-scalar
TnC (8-bit)
Figure-4
6. Real Time Clock (RTC)
To realize the watch function, 0.25s RTC (real time clock) is built in the chip. The real
time clock has two clock sources. One is from system clock (16MHZ) and another one
is from low-speed clock source (32768HZ). Once the RTC function is enabled, the
RTC circuit will generate an interrupt request per 0.25 second.
If chip is in power-down mode and interrupt enable is active for RTC, then chip will be
wake-up from power-down mode per 0.25 second.
7. DA & PWM
To play out voices, SNL310 contains two different solutions for the user’s
applications, DAC and PWM. The user can choose one of these two solutions in this
design. Only one function can be activated at one time.
7.1 DAC
A 10-bit current type digital-to-analog converter is built-in SNL310. The relationship
between input digital data and output analog current signal is listed in the following
table. Also, the recommended application circuit is illustrated as follows.
Ver: 1.7
May 2, 2003
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com