Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 4Page - SONiX Technology Company SNL310 Datasheet HTML 5Page - SONiX Technology Company SNL310 Datasheet HTML 6Page - SONiX Technology Company SNL310 Datasheet HTML 7Page - SONiX Technology Company SNL310 Datasheet HTML 8Page - SONiX Technology Company SNL310 Datasheet HTML 9Page - SONiX Technology Company SNL310 Datasheet HTML 10Page - SONiX Technology Company SNL310 Datasheet HTML 11Page - SONiX Technology Company SNL310 Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SNL310
16-Bit LCD Controller
8. EXTENSION BUS
SNL310 totally provides 64 I/O pins, those I/O pins can be configured to be address,
data and control signal of extension bus except P2.0~P2.15 are the dedicated general
I/O pins. Table-1 shows the relation among P3.5~P3.15, P4.0~P4.15, P5.0~P5.7 and
I/O pins.
I/O Pin
Extension Bus
Descriptions
P3.10
E_R
RD signal for 6800 interface
P3.15
A[22]
Address pin of 16-bit mode memory accessing
P3.11~P3.14
CS3~CS0
Chip select pin
P4.0~P4.15
A[0..15]
Address bus
P5.0~P5.5
A[16..21]
Address bus
P5.6
WR/RD
Write signal
P5.7
RD/E
Read signal
P5.8~P5.15
D[0..7]
Data bus
Table-1
SNL310 provides four chip select pins for external devices, each chip select pin can be
connected to memory device or LCD driver. Besides, all the address, data and control
pins of extension bus are shared with general I/O pins. Normally, the default setting is
general I/O pins for extension bus. User just need to set the enable control bit of
extension bus then all the corresponding I/O pins will switch to be extension bus
automatically.
8.1 Extension Bus for External Memory Device
SNL310 provides two access modes for external memory device. One is 8-bit mode
and another one is 16-bit mode. User has to use 16-bit mode if executed user’s
program is from external memory. Most important of all, SNL310 only can execute
user’s program from the first external device. So user has to connect Mask ROM or
Flash which already burn-in user’s program to the “CS1”
A0
A21
A21
SNL310
A0
CE\
CS1
mask ROM/
Flash
A22
A0
A22
A22
SNL310
A0
CE\
CS1
mask ROM/
Flash
8-bit Mode of Extension Bus
16-bit Mode of Extension Bus
Figure-5
Ver: 1.7
May 2, 2003
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com