Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 21 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 21 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 16Page - SONiX Technology Company SNL310 Datasheet HTML 17Page - SONiX Technology Company SNL310 Datasheet HTML 18Page - SONiX Technology Company SNL310 Datasheet HTML 19Page - SONiX Technology Company SNL310 Datasheet HTML 20Page - SONiX Technology Company SNL310 Datasheet HTML 21Page - SONiX Technology Company SNL310 Datasheet HTML 22Page - SONiX Technology Company SNL310 Datasheet HTML 23Page - SONiX Technology Company SNL310 Datasheet HTML 24Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SNL310
16-Bit LCD Controller
11.2 Application 2
3V/16M Crystal, with 1-Bit LCD driver (80 x 160) and 32M Flash memory
1.5V
1.5V
C2
47uF
LD0
LOAD
CP
FLM
AC
BLANK
POFF
VCC
GND
Y2
16MHZ
C5
15pF
C6
15pF
P4.0
45
P4.1
44
P4.2
43
P4.3
42
P4.4
40
P4.5
39
P4.6
38
P4.7
36
P4.15
27
P4.14
29
P4.13
30
P4.12
31
P4.11
32
P4.10
33
P4.9
34
P4.8
35
FRAME
COMD
LCO1
LCO2
LSD
Ver: 1.7
May 2, 2003
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com