Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNL310 Datasheet HTML 1Page - SONiX Technology Company SNL310 Datasheet HTML 2Page - SONiX Technology Company SNL310 Datasheet HTML 3Page - SONiX Technology Company SNL310 Datasheet HTML 4Page - SONiX Technology Company SNL310 Datasheet HTML 5Page - SONiX Technology Company SNL310 Datasheet HTML 6Page - SONiX Technology Company SNL310 Datasheet HTML 7Page - SONiX Technology Company SNL310 Datasheet HTML 8Page - SONiX Technology Company SNL310 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SNL310
16-Bit LCD Controller
4. I/O PORT
SNL310 provides totally 64 I/O pins (P2.0~P2.15, P3.0~P3.15, P4.0~P4.15, and
P5.0~P5.15). The input pull high resistor of each pin can be programmed by Port
Pull-High Register and the direction of I/O port is selected by Port Direction Register.
The Port2 (P2.0~P2.15) and Port3 (P3.0~P3.15) can wake the chip up from the stop
mode and watch mode.
These 64 programmable I/O pins provides not only a simply input/output function but
also flexible configuration. It can be configured to be an 8-bit microprocessor interface
to drive external devices, such as mask ROM, Flash and SRAM and LCD driver.
Furthermore, the pins “TxD” and “RxD” are shared with P3.0 and P3.1.
The internal structure of I/O pins is showed in Figure-2.
Pull-Up
Resister
Latch
PAD
to internal bus
Pull-Up
Select
In/Out
Control
In/Out
Control
I/O Configuration of Port2 ~ Port5
Figure-2
In some applications (e.g., Infra Red, IR), an output port needs to be modulated a carry
signal. In the cases, the routine of modulation will occupy too many CPU computations.
Thus, a modulation circuit is built in chip to reduce CPU’s loading,
Timer2
overflow
P3.3
2
IREN
I/O Pad
Figure-3
Ver: 1.7
May 2, 2003
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com