Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH7A400 Datasheet (PDF) - Sharp Corporation

LH7A400 Datasheet PDF - Sharp Corporation
Part # LH7A400
Download  LH7A400 Download
File Size   446.81 Kbytes
Page   53 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32-Bit System-on-Chip

LH7A400 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH7A400 Datasheet PDF - Sharp Corporation

Part # LH7A400
Download  LH7A400 Click to download

File Size   446.81 Kbytes
Page   53 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32-Bit System-on-Chip

LH7A400 Datasheet (HTML) - Sharp Corporation


LH7A400 Product details

DESCRIPTION
The LH7A400, powered by an ARM922T, is a complete System-on-Chip with a high level of integration to satisfy a wide range of requirements and expectations.
   
FEATURES
• ARM922T™ Core:
    – 32-bit ARM9TDMI™ RISC Core
    – 16KB Cache: 8KB Instruction Cache and
        8KB Data Cache
    – MMU (Windows CE Enabled)
• High Performance (200 MHz)
• 80KB On-Chip Memory
• External Bus Interface
    – 100 MHz
    – Asynchronous SRAM/ROM/Flash
    – Synchronous DRAM/Flash
    – PCMCIA
    – CompactFlash
• Clock and Power Management
    – 32.768 kHz and 14.7456 MHz Oscillators
    – Programmable PLL
• Low Power Modes
    – Run (147 mA), Halt (41 mA), Standby (42 µA)
• Programmable LCD Controller
    – Up to 1,024 × 768 Resolution
    – Supports STN, Color STN, AD-TFT, HR-TFT, TFT
    – Up to 64,000 Colors and 15 Gray Shades
• DMA (10 Channels)
    – AC97
    – MMC
    – USB
• USB Device Interface (USB 1.1)
• Synchronous Serial Port (SSP)
    – Motorola SPI™
    – Texas Instruments SSI
    – National MICROWIRE™   
• Three Programmable Timers
• Three UARTs
    – Classic IrDA (115 kbit/s)
• Smart Card Interface (ISO7816)
• DC-to-DC Converters
• MultiMediaCard™ Interface
• AC97 Codec Interface
• Smart Battery Monitor Interface
• Real Time Clock (RTC)
• Up to 60 General Purpose I/Os
• Programmable Interrupt Controller
• Watchdog Timer
• JTAG Debug Interface and Boundary Scan
• Operating Voltage
    – 1.8 V Core
    – 3.3 V Input/Output (1.8 V I/O Optional1)
• 5 V Tolerant Inputs (except oscillator pins2)
• Operating Temperature
    – 0°C to +70°C Commercial
    – -40°C to +85°C Industrial (With Clock Frequency
        Reduction1)
• 256-Ball PBGA or 256-Ball CABGA Package
   




Similar Part No. - LH7A400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH7A400 NXP-LH7A400 Datasheet
842Kb / 65P
32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0F000B3A NXP-LH7A400N0F000B3A Datasheet
842Kb / 65P
32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0F000B5 NXP-LH7A400N0F000B5 Datasheet
842Kb / 65P
32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0F076B5 NXP-LH7A400N0F076B5 Datasheet
842Kb / 65P
32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0G000B5 NXP-LH7A400N0G000B5 Datasheet
842Kb / 65P
32-Bit System-on-Chip
Rev. 01-16 July 2007
More results


Similar Description - LH7A400

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SHARP_LH7A404 SHARP-SHARP_LH7A404 Datasheet
387Kb / 51P
32 BIT SYSTEM ON CHIP
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH7A400 NXP-LH7A400 Datasheet
842Kb / 65P
32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A404 NXP-LH7A404 Datasheet
1Mb / 75P
32-Bit System-on-Chip
2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
02-Oct-2013
logo
Renesas Technology Corp
EC-1 RENESAS-EC-1 Datasheet
758Kb / 58P
On-chip 32-bit ARM Cortex-R4F processor
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com