Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH79520 Datasheet (PDF) - NXP Semiconductors

LH79520 Datasheet PDF - NXP Semiconductors
Part # LH79520
Download  LH79520 Download
File Size   663.54 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description System-on-Chip

LH79520 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH79520 Datasheet PDF - NXP Semiconductors

Part # LH79520
Download  LH79520 Click to download

File Size   663.54 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description System-on-Chip

LH79520 Datasheet (HTML) - NXP Semiconductors


LH79520 Product details

DESCRIPTION

The LH79520, powered by an ARM720T, is a complete System-on-Chip with a high level of integration to satisfy a wide range of requirements and expectations. The LH79520 combines a 32-bit ARM720T RISC, Color LCD controller, Cache, Local SRAM, a number of essential peripherals such as Direct Memory Access, Serial and Parallel Interfaces, Infrared support, Timers, Real Time Clock, Watchdog Timer, Pulse Width Modu lators, and an on-chip Phase Lock Loop. Debug is made simple by JTAG support



FEATURES

• Highly Integrated System-on-Chip

• High Performance (77.4144 MHz CPU Speed)

• ARM720T™ RISC Core

   – 32-bit ARM7TDMI™ RISC Core

   – 8 kB Cache

   – MMU (Windows CE™ Enabled)

   – Write Buffer

• 32 kB On-Chip SRAM

• Flexible, Programmable Memory Interface

   – SDRAM Interface

   – 15-bit External Address Bus

   – 32-bit External Data Bus

   – Two Segments (128 MB each)

   – SRAM/Flash/ROM Interface

   – 26-bit External Address Bus

   – 32-bit External Data Bus

   – Seven Segments (64 MB Each)

• Multi-stream DMA Controller

   – Four 32-bit Burst-based Data Streams

• Clock and Power Management

   – 32.768 kHz Oscillator for Real Time Clock

   – 14.7456 MHz Oscillator and On-chip PLL for CPU and Bus Clocks

   – Active, Standby, Sleep and Stop Power Modes

   – Externally-supplied Clock Options

• Low Power Modes

   – Active Mode: 55 mA (MAX.)

   – Standby Mode: 35 mA (MAX.)

   – Sleep Mode: 5.5 mA (MAX.)

   – Stop Mode 2: 18 µA

• Watchdog Timer

• Vectored Interrupt Controller

   – 16 Standard and 16 Vectored IRQ Interrupts

   – Hardware Interrupt Priority

   – Software Interrupts

   – FIQ Fast Interrupts

• Three UARTs

   – 16-byte FIFOs for Rx and Tx

   – IrDA SIR Support

   – Supports Data Rates Up to 460.8 kb/s

• Two 16-bit Pulse Width Modulators

• Two Dual Channel Timer Modules

• Real Time Clock

   – 32-bit Up-counter with Programmable Load

   – Programmable 32-bit Match Compare Register



• 64 Programmable General Purpose I/O Signals

   – Multiplexed with Peripheral I/O Signals

• Programmable Color LCD Controller

   – Up to 800 × 600 Resolution

   – Supports STN, Color STN, AD-TFT, TFT

   – Supports 15 Shades of Gray

   – TFT: Supports 64 k Direct Colors or 256 Colors selected from a Palette of 64,000 Colors

   – Color STN: Supports 3,375 Direct Colors or 256 Colors Selected from a Palette of 3,375 Colors

• Synchronous Serial Port

   – Supports Data Rates Up to 1.8452 Mb/s

   – Compatible with Common Interface Schemes

   – Motorola SPI™

   – National Semiconductor MICROWIRE™

   – Texas Instruments SSI

• JTAG Debug Interface and Boundary Scan

• 5 V Tolerant Digital I/O

   – XTALIN and XTAL32IN inputs are 1.8 V ± 10 %



 




Similar Part No. - LH79520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
LH79524N0F100A0 NXP-LH79524N0F100A0 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
LH79524N0F100A1 NXP-LH79524N0F100A1 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
logo
NXP Semiconductors
LH79525 NXP-LH79525 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
More results


Similar Description - LH79520

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
02-Oct-2013
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
system-on-chip product
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com