Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH75400 Datasheet (PDF) - Sharp Corporation

LH75400 Datasheet PDF - Sharp Corporation
Part # LH75400
Download  LH75400 Download
File Size   1248.72 Kbytes
Page   69 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description System-on-Chip

LH75400 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH75400 Datasheet PDF - Sharp Corporation

Part # LH75400
Download  LH75400 Click to download

File Size   1248.72 Kbytes
Page   69 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description System-on-Chip

LH75400 Datasheet (HTML) - Sharp Corporation


LH75400 Product details

DESCRIPTION
The SHARP BlueStreak LH75400/01/10/11 family consists of four low-cost 16/32-bit System-on-Chip (SoC) devices.
• LH75401 — contains the superset of features.
• LH75411 — similar to LH75401, without CAN 2.0B.
• LH75400 — similar to LH75401, but with a Grayscale LCDC only.
• LH75410 — similar to LH75400, without CAN 2.0B.

COMMON FEATURES
• Highly Integrated System-on-Chip
• ARM7TDMI-S™ Core
• High Performance (70 MHz CPU Speed)
   – Internal PLL Driven or External Clock Driven
   – Crystal Oscillator/Internal PLL Can Operate with
      Input Frequency Range of 14 MHz to 20 MHz
• 32KB On-chip SRAM
   – 16KB Tightly Coupled Memory (TCM) SRAM
   – 16KB Internal SRAM
• Clock and Power Management
   – Low Power Modes: Standby, Sleep, Stop
• Eight Channel, 10-bit Analog-to-Digital Converter
• Integrated Touch Screen Controller
• Serial interfaces
   – Two 16C550-type UARTs supporting baud rates
      up to 921,600 baud (requires crystal frequency of
      14.756 MHz).
   – One 82510-type UART supporting baud rates up
      to 3,225,600 baud (requires a system clock of
      70 MHz).
• Synchronous Serial Port
   – Motorola SPI™
   – National Semiconductor Microwire™
   – Texas Instruments SSI
• Real-Time Clock (RTC)
• Three Counter/Timers
   – Capture/Compare/PWM Compatibility
   – Watchdog Timer (WDT)
• Low-Voltage Detector
• JTAG Debug Interface and Boundary Scan
• Single 3.3 V Supply
• 5 V Tolerant Inputs
• 144-pin LQFP Package
• -40°C to +85°C Operating Temperature

Unique Features of the LH75401
• Color and Grayscale Liquid Crystal Display (LCD) Controller
   – 12-bit (4,096) Direct Mode Color, up to VGA
   – 8-bit (256) Direct or Palletized Color, up to SVGA
   – 4-bit (16) Direct Mode Color/Grayscale, up to XGA
   – 12-bit Video Bus
   – Supports STN, TFT, HR-TFT, and AD-TFT Displays.
• CAN Controller that supports CAN version 2.0B.

Unique Features of the LH75411
• Color and Grayscale LCD Controller (LCDC)
   – 12-bit (4,096) Direct Mode Color, up to VGA
   – 8-bit (256) Direct or Palletized Color, up to SVGA
   – 4-bit (16) Direct Mode Color/Grayscale, up to XGA
   – 12-bit Video Bus
   – Supports STN, TFT, HR-TFT, and AD-TFT Displays.

Unique Features of the LH75400
• Grayscale LCDC
   – 4-bit (16 Level) Grayscale, up to XGA
   – 8-bit Video Bus
   – Supports STN Displays.
• Controller Area Network (CAN) Controller that supports CAN version 2.0B.

Unique Features of the LH75410
• Grayscale LCDC
   – 4-bit (16 Level) Grayscale, up to XGA
   – 8-bit Video Bus
   – Supports STN Displays.




Similar Part No. - LH75400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH75401N0Q100C0 NXP-LH75401N0Q100C0 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
More results


Similar Description - LH75400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
02-Oct-2013
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
system-on-chip product
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com