Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH79524 Datasheet (PDF) - NXP Semiconductors

LH79524 Datasheet PDF - NXP Semiconductors
Part # LH79524
Download  LH79524 Download
File Size   979.38 Kbytes
Page   64 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description System-on-Chip

LH79524 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH79524 Datasheet PDF - NXP Semiconductors

Part # LH79524
Download  LH79524 Click to download

File Size   979.38 Kbytes
Page   64 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description System-on-Chip

LH79524 Datasheet (HTML) - NXP Semiconductors


LH79524 Product details

DESCRIPTION
The LH79524/LH79525, powered by an ARM720T, is a complete System-on-Chip with a high level of integration to satisfy a wide range of requirements and applications.
   
FEATURES
• Highly Integrated System-on-Chip
• High Performance: 76.205 MHz CPU Speed,
    50.803 MHz maximum AHB clock (HCLK)
• 32-bit ARM720T™ RISC Core
    – LH79524: 32-bit External Data Bus
    – 208 LFBGA package
    – LH79525: 16-bit External Data Bus
    – 176 LQFP package
• 8 kB Cache with Write Back Buffer
• MMU (Windows CE™ Enabled)
• 16 kB On-Chip SRAM
• Flexible, Programmable Memory Interface
    – SDRAM Interface
    – 512 MB External Address Space
    – 32-bit External Data Bus (LH79524)
    – 16-bit External Data Bus (LH79525)
    – SRAM/Flash/ROM Interface
    – 15-bit External Address Bus
    – 32-bit External Data Bus (LH79524)
    – 16-bit External Data Bus (LH79525)
• Multi-stream DMA Controller
    – Four 32-bit Burst-Based Data Streams
• Clock and Power Management
    – 32.768 kHz Oscillator for Real Time Clock
    – 10 MHz to 20 MHz Oscillator and On-chip PLL
    – Active, Standby, Sleep, Stop1, and Stop2 Modes
    – Externally-supplied Clock Options
• On-Chip Boot ROM
    – Allows Booting from 8-, 16-, or 32-bit Devices
    – NAND Flash Boot
• Low Power Modes
    – Active Mode: 85 mA (MAX.)
    – Standby Mode: 50 mA (MAX.)
    – Sleep Mode: 3.8 mA (TYP.)
    – Stop Mode 1: 420 A (TYP.)
    – Stop Mode 2: 25 A (TYP.)
• USB Device
    – Compliant with USB 2.0 Specifications (Full Speed)
    – Four Endpoints
(Continue ...) 




Similar Part No. - LH79524

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH79520N0Q000B1 NXP-LH79520N0Q000B1 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
More results


Similar Description - LH79524

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
System-on-Chip
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
System-on-Chip
Rev. 01 - 16 July 2007
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
System-on-Chip
Rev. 01-16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
system-on-chip
02-Oct-2013
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
system-on-chip product
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com