Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet (PDF) - Texas Instruments

OPA690 Datasheet PDF - Texas Instruments
Part # OPA690
Download  OPA690 Download
File Size   603.42 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Wideband, High Output Current, Operational Amplifier with Current Limit

OPA690 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA690 Datasheet PDF - Texas Instruments

Part # OPA690
Download  OPA690 Click to download

File Size   603.42 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Wideband, High Output Current, Operational Amplifier with Current Limit

OPA690 Datasheet (HTML) - Texas Instruments


OPA690 Product details

FEATURES
LOW INPUT NOISE VOLTAGE: 1.8nV/√Hz
HIGH UNITY-GAIN BANDWIDTH: 230MHz
HIGH GAIN BANDWIDTH PRODUCT: 125MHz
HIGH OUTPUT CURRENT: 350mA
LOW INPUT OFFSET VOLTAGE: ±0.2mV
FLEXIBLE SUPPLY RANGE:
Single +5V to +12V Operation
Dual ±2.5V to ±6V Operation
LOW SUPPLY CURRENT: 6.0mA/ch

APPLICATIONS
xDSL DIFFERENTIAL LINE DRIVERS
16-BIT ADC DRIVER
LOW NOISE PLL INTEGRATORS
TRANSIMPEDANCE AMPLIFIERS
PRECISION BASEBAND I/Q AMPLIFIERS
ACTIVE FILTERS
TS613 IMPROVED REPLACEMENT

DESCRIPTION
The OPA2613 offers very low 1.8nV√Hz input noise in a
wideband, unity-gain stable, voltage-feedback
architecture. Intended for xDSL driver applications, the
OPA2613 also supports this low input noise with
exceptionally low harmonic distortion, particularly in
differential configurations. Adequate output current is
provided to drive the potentially heavy load of a
twisted-pair line. Harmonic distortion for a 2VPP differential
output operating from +5V to +12V supplies is ≤ −95dBc
through 1MHz input frequencies. Operating on a low
6.0mA/ch supply current, the OPA2613 can satisfy most
xDSL driver requirements over a wide range of possible
supply voltagefrom a single +5V condition, to ±5V, on up
to a single +12V design.
General-purpose applications on a single +5V supply will
benefit from the high input and output voltage swing
available on this reduced supply voltage. Low-cost
precision integrators for PLLs will also benefit from the low
voltage noise and offset voltage. Baseband I/Q receiver
channels can achieve almost perfect channel match with
noise and distortion to support signals through 5MHz with
> 14-bit dynamic range.




Similar Part No. - OPA690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA690 TI-OPA690 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA690 BURR-BROWN-OPA690 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA690 BURR-BROWN-OPA690 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Similar Description - OPA690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
Dual wideband high output current operational amplifier
November 2008 Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com