Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 2 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage (−40
°C to +85°C)
±6.5V
. . . . . . . . . . . . . . . . . . . . . .
Supply Voltage (0
°C to +70°C)
±6.65V
. . . . . . . . . . . . . . . . . . . . . . .
Internal Power Dissipation
See Thermal Characteristics
. . . . . . . . .
Differential Input Voltage
±1.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Range
±VS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +125°C
. . . . . . . . . . . . . . . . . .
Lead Temperature (SO-8)
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature (TJ)
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model)
2000V
. . . . . . . . . . . . . . . . . . . .
(Machine Model)
200V
. . . . . . . . . . . . . . . . . . . . . . . . . .
(Charge Device Model)
1500V
. . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
OPA2613
SO-8
D
−40
°C to +85°C
OPA2613
OPA2613ID
Rails, 100
OPA2613
SO-8
D
−40
°C to +85°C
OPA2613
OPA2613IDR
Tape and Reel, 2500
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
+V
S
Out B
−In B
+In B
Out A
−In A
+In A
−V
S
OPA2613
Top View
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com