Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA690
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA690 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
OPA2613
SBOS249H − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
13
TYPICAL CHARACTERISTICS: VS = +5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
NONINVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
500
3
0
−3
−6
−9
SeeFigure3
G= +8
G= +4
G= +2
G= +1
V
O = 100mVPP
R
L = 100Ω to VS/2
INVERTING SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
300
3
0
−3
−6
−9
G=
−8
G=
−4
G=
−1
G=
−2
SeeFigure4
V
O =100mVPP
R
L =100Ω to VS/2
NONINVERTING LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
300
9
6
3
0
−3
−6
V
O =2VPP
V
O =1VPP
V
O =0.1VPP
G= +2
R
L =100Ω to VS /2
V
O =0.5VPP
SeeFigure3
INVERTING LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
300
3
0
−3
−6
−9
−12
V
O =2VPP
V
O =1VPP
V
O =0.1VPP
G=
−1
R
L = 100Ω to VS /2
V
O =0.5VPP
SeeFigure4
NONINVERTING PULSE RESPONSE
Time (50ns/div)
2V
PP
G= +2V/V
R
L =100Ω to VS/2
200mV
PP
Left Scale
Large Signal
Right Scale
Small Signal
See Figure 3
4.5
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
INVERTING PULSE RESPONSE
Time (50ns/div)
2V
PP
G=
−1V/V
R
L =100Ωto VS/2
200mV
PP
Left Scale
Large Signal
Right Scale
Small Signal
SeeFigure4
4.5
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com