Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA37 Datasheet (PDF) - Texas Instruments

OPA37 Datasheet PDF - Texas Instruments
Part # OPA37
Download  OPA37 Download
File Size   642.38 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS

OPA37 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA37 Datasheet PDF - Texas Instruments

Part # OPA37
Download  OPA37 Click to download

File Size   642.38 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS

OPA37 Datasheet (HTML) - Texas Instruments


OPA37 Product details

FEATURES
LOW NOISE: 4.5nV/√Hz max at 1kHz
LOW OFFSET: 100μV max
LOW DRIFT: 0.4μV/°C
HIGH OPEN-LOOP GAIN: 117dB min
HIGH COMMON-MODE REJECTION: 100dB min
HIGH POWER-SUPPLY REJECTION: 94dB min
FITS OP-07, OP-05, AD510, AND AD517
SOCKETS

APPLICATIONS
PRECISION INSTRUMENTATION
DATA ACQUISITION
TEST EQUIPMENT
PROFESSIONAL AUDIO EQUIPMENT
TRANSDUCER AMPLIFIERS
RADIATION HARD EQUIPMENT

DESCRIPTION
The OPA27 and OPA37 are ultra-low noise, high-precision
monolithic operational amplifiers.
Laser-trimmed thin-film resistors provide excellent long-term
voltage offset stability and allow superior voltage offset
compared to common zener-zap techniques.
A unique bias current cancellation circuit allows bias and
offset current specifications to be met over the full –40°C to
+85°C temperature range.
The OPA27 is internally compensated for unity-gain stability.
The decompensated OPA37 requires a closed-loop gain ≥ 5.
The Texas Instruments’ OPA27 and OPA37 are improved
replacements for the industry-standard OP-27 and OP-37.




Similar Part No. - OPA37

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA37 BURR-BROWN-OPA37 Datasheet
368Kb / 18P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37 TI-OPA37 Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA37 TI-OPA37 Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA371D TI2-OPA371D Datasheet
1Mb / 33P
OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications
JUNE 2026
OPA371D TI2-OPA371D Datasheet
1Mb / 36P
OPAx371D 125kHz, 650nA NanoPower, 1.5V Low Voltage, Decompensated Amplifier for Power Conscious Applications
REVISED AUGUST 2026
More results


Similar Description - OPA37

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Sep-1997
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
July 12, 2006
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Oct-2001
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com