Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA843 Datasheet (PDF) - Texas Instruments

OPA843 Datasheet PDF - Texas Instruments
Part # OPA843
Download  OPA843 Download
File Size   590.59 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier

OPA843 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA843 Datasheet PDF - Texas Instruments

Part # OPA843
Download  OPA843 Click to download

File Size   590.59 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier

OPA843 Datasheet (HTML) - Texas Instruments


OPA843 Product details

FEATURES
HIGH BANDWIDTH: 300MHz (G = +10)
LOW INPUT VOLTAGE NOISE: 1.2nV/√Hz
VERY LOW DISTORTION: –100dBc (5MHz)
HIGH SLEW RATE: 600V/μs
HIGH DC ACCURACY: VIO = 150μV
LOW SUPPLY CURRENT: 12.6mA/ch
HIGH GAIN BANDWIDTH PRODUCT: 1650MHz
STABLE FOR GAINS ≥ +7V/V

APPLICATIONS
HIGH DYNAMIC RANGE ADC PREAMPS
LOW-NOISE, WIDEBAND, TRANSIMPEDANCE
AMPLIFIERS
WIDEBAND, HIGH GAIN AMPLIFIERS
LOW-NOISE DIFFERENTIAL RECEIVERS
VDSL LINE RECEIVERS
ULTRASOUND CHANNEL AMPLIFIERS
SECURITY SENSOR FRONT ENDS

DESCRIPTION
The OPA2846 provides two very low-noise, high gain
bandwidth, voltage-feedback op amps in a single
package. Operating from a low 12.6mA/channel quiescent
current, each channel provides a 1.2nV/√Hz input voltage
noise with a 1.65GHz gain bandwidth product. Minimum
stable gain is specified at +7V/V while exceptional flatness
is ensured at a gain of +10V/V.
The combination of low noise, high slew rate (600V/μs)
and broad bandwidth allow very high SFDR differential
receivers to be implemented. Additionally, decompensated,
low-noise, voltage-feedback op amps are ideal for
broadband transimpedance requirements. The dual channel
OPA2846 provides matched channels for high-speed
transimpedance requirements. With over 200MHz bandwidth
at a gain of 20dB, excellent gain and phase matching
are provided at IF frequencies for matched I and Q channel
amplifiers.




Similar Part No. - OPA843

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843 TI2-OPA843 Datasheet
850Kb / 32P
Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
DECEMBER 2008
OPA843 TI2-OPA843 Datasheet
808Kb / 32P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
REVISED SEPTEMBER 2010
More results


Similar Description - OPA843

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com