Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA843 Datasheet (PDF) - Texas Instruments

OPA843 Datasheet PDF - Texas Instruments
Part # OPA843
Download  OPA843 Download
File Size   850.9 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER

OPA843 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA843 Datasheet PDF - Texas Instruments

Part # OPA843
Download  OPA843 Click to download

File Size   850.9 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER

OPA843 Datasheet (HTML) - Texas Instruments


OPA843 Product details

FEATURES
HIGH BANDWIDTH: 260MHz (G = +5)
GAIN BANDWIDTH PRODUCT: 800MHz
LOW INPUT VOLTAGE NOISE: 2.0nV/√Hz
VERY LOW DISTORTION: –96dBc (5MHz)
HIGH OPEN-LOOP GAIN: 110dB
FAST 12-BIT SETTLING: 10.5ns (0.01%)
LOW INPUT OFFSET VOLTAGE: 300μV
OUTPUT CURRENT: ±100mA

APPLICATIONS
ADC/DAC BUFFER AMPLIFIER
LOW DISTORTION “IF” AMPLIFIER
ACTIVE FILTERS
LOW-NOISE RECEIVER
WIDEBAND TRANSIMPEDANCE
TEST INSTRUMENTATION
PROFESSIONAL AUDIO
OPA643 UPGRADE

DESCRIPTION
The OPA843 provides a level of speed and dynamic range
previously unattainable in a monolithic op amp. Using a high
Gain Bandwidth (GBW), two gain-stage design, the OPA843
gives a medium gain range device with exceptional dynamic
range. The “classic” differential input complements this high
dynamic range with DC precision beyond most high-speed
amplifier products. Very low input offset voltage and current,
high Common-Mode Rejection Ratio (CMRR) and Power-
Supply Rejection Ratio (PSRR), and high open-loop gain
combine to give a high DC precision amplifier along with low
noise and high 3rd-order intercept.
12- to 16-bit converter interfaces will benefit from this combination
of features. High-speed transimpedance applications
can be implemented with exceptional DC precision as well.
Differential configurations using two OPA843s can deliver
very low distortion to high output voltages, as shown below.




Similar Part No. - OPA843

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843 TI2-OPA843 Datasheet
590Kb / 32P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
REVISED AUGUST 2008
OPA843 TI2-OPA843 Datasheet
808Kb / 32P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
REVISED SEPTEMBER 2010
More results


Similar Description - OPA843

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842 TI-OPA842 Datasheet
438Kb / 19P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com