Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA541 Datasheet (PDF) - Texas Instruments

OPA541 Datasheet PDF - Texas Instruments
Part # OPA541
Download  OPA541 Download
File Size   487.06 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA541 High Power Monolithic Operational Amplifier

OPA541 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA541 Datasheet PDF - Texas Instruments

Part # OPA541
Download  OPA541 Click to download

File Size   487.06 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPA541 High Power Monolithic Operational Amplifier

OPA541 Datasheet (HTML) - Texas Instruments


OPA541 Product details

1 Features
1• Power Supplies to ±40 V
• Output Current to 10-A Peak
• Programmable Current Limit
•Industry-Standard Pinout
• FET Input
• TO-3 and Low-Cost Power Plastic Packages

2 Applications
• Motor Drivers
• Servo Amplifiers
• Synchro Excitation
• Audio Amplifiers
• Programmable Power Supplies

3 Description
The OPA541 device is a power-operational amplifier
capable of operation from power supplies up to ±40 V, and delivering continuous output currents up
to 5 A. Internal current-limit circuitry can be user•
programmed with a single external resistor, protecting
the amplifier and load from fault conditions. The OPA541 devices fabricated are using a proprietary
bipolar and FET process.
The OPA541 uses a single current-limit resistor to set both the positive and negative current limits.
Applications currently using hybrid power amplifiers
requiring two current-limit resistors do need not to be
modified.
The OPA541 is available in an 11-pin power plastic
package and an industry-standard 8-pin TO-3 hermetic package. The power plastic pachage has a
copper-lead frame to maximize heat transfer. The
TO-3 package is isolated from all circuitry, allowing it
to be mounted directly to a heat sink without special
insulators.




Similar Part No. - OPA541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
High Power Monolithic OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
High Power Monolithic Operational Amplifier
OPA541-W TI1-OPA541-W Datasheet
459Kb / 22P
High Power Monolithic Operational Amplifier
logo
Burr-Brown (TI)
OPA541AM BURR-BROWN-OPA541AM Datasheet
104Kb / 8P
High Power Monolithic OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA541AM TI1-OPA541AM Datasheet
459Kb / 22P
High Power Monolithic Operational Amplifier
More results


Similar Description - OPA541

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
High Power Operational Amplifier
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
High Power Monolithic OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
MONOLITHIC OPERATIONAL AMPLIFIER
logo
Cirrus Logic
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
HIGH POWER OPERATIONAL AMPLIFIER
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
High Power Operational Amplifier
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
High Power Monolithic Operational Amplifier
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
HIGH POWER OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com