Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC901 Datasheet (PDF) - TelCom Semiconductor, Inc

TC901 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC901
Download  TC901 Download
File Size   55.95 Kbytes
Page   4 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER

TC901 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC901 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC901
Download  TC901 Click to download

File Size   55.95 Kbytes
Page   4 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER

TC901 Datasheet (HTML) - TelCom Semiconductor, Inc


TC901 Product details

GENERAL DESCRIPTION
The TC901 is a monolithic, auto-zeroed operational amplifier. It is a second-generation design of the TC91X CMOS chopper-stabilized op amps with on-chip capacitors.
Elimination of the external capacitors allows the designer to increase reliability, lower cost, and simplify design by lowering parts count.
Since the TC901 is an auto-zeroing op amp, input offset voltage is very low. More important, there is almost zero drift with time. This eliminates production line adjustments, as well as periodic calibration.

FEATURES
■ Second-Generation Monolithic, Chopper-Stabilized Op Amp
■ No External Capacitors Required
■ Single-Supply Operation ........... ±15V or 5V to 32V
■ Supply Current............................ 450µA at 15V, Typ
■ Input Offset Voltage ................................... 7µV, Typ
■ Common-Mode Rejection Ratio ............140dB, Typ
■ Open-Loop Gain ............ 140dB Into 10k Load, Typ
■ Input Noise ......................... 5µV at 10Hz Bandwidth
■ Pinout Compatible With ICL7650
■ Lowest Parts Count Chopper Op Amp




Similar Part No. - TC901

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
logo
Toshiba Semiconductor
TC90101FG TOSHIBA-TC90101FG Datasheet
393Kb / 36P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
Multi System Video Decoder
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
Multi System Video Decoder IC
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
Dual channel Video Decoder
More results


Similar Description - TC901

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2002
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
MONOLITHIC OPERATIONAL AMPLIFIER
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com