Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC913A Datasheet (PDF) - Microchip Technology

TC913A Datasheet PDF - Microchip Technology
Part # TC913A
Download  TC913A Download
File Size   429.21 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual Auto-Zeroed Operational Amplifiers

TC913A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC913A Datasheet PDF - Microchip Technology

Part # TC913A
Download  TC913A Click to download

File Size   429.21 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual Auto-Zeroed Operational Amplifiers

TC913A Datasheet (HTML) - Microchip Technology


TC913A Product details

General Description:

The TC913 is the world’s first complete monolithic, dual auto-zeroed operational amplifier. The TC913 sets a new standard for low-power, precision dual-operational amplifiers. Chopper-stabilized or auto-zeroed amplifiers offer low offset voltage errors by periodically sampling offset error, and storing correction voltages on capacitors. Previous single amplifier designs required two user-supplied, external 0.1μF error storage correction capacitors — much too large for on-chip integration. The unique TC913 architecture requires smaller capacitors, making on-chip integration possible. Microvolt offset levels are achieved and external capacitors are not required.



Features:

• First Monolithic Dual Auto-Zeroed Operational Amplifier

• Chopper Amplifier Performance Without External Capacitors:

   - VOS: 15 μV Max.

   - VOS: Drift; 0.15 μV/°C Max.

   - Saves Cost of External Capacitors

• SOIC Packages Available

• High DC Gain; 120dB

• Low Supply Current; 650 μA

• Low Input Voltage Noise:

   - 0.65 μVP-P (0.1 Hz to 10 Hz)

• Wide Common Mode Voltage Range:

   - VSS to VDD - 2V

• High Common Mode Rejection; 116dB

• Dual or Single Supply Operation:

   - ±3.3V to ±8.3V

   - +6.5V to +16V

• Excellent AC Operating Characteristics:

   - Slew Rate; 2.5V/μsec

   - Unity-Gain Bandwidth; 1.5 MHz

• Pin Compatible with LM358, OP-14, MC1458, ICL7621, TL082, TLC322



Applications:

• Instrumentation

• Medical Instrumentation

• Embedded Control

• Temperature Sensor Amplifier

• Strain Gage Amplifier



 




Similar Part No. - TC913A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC913A MICROCHIP-TC913A Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
logo
TelCom Semiconductor, I...
TC913ACOA TELCOM-TC913ACOA Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC913ACOA MICROCHIP-TC913ACOA Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
TC913ACOA MICROCHIP-TC913ACOA Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results


Similar Description - TC913A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com