Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC913A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC913A
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC913A Datasheet(HTML) 1 Page - Microchip Technology

  TC913A Datasheet HTML 1Page - Microchip Technology TC913A Datasheet HTML 2Page - Microchip Technology TC913A Datasheet HTML 3Page - Microchip Technology TC913A Datasheet HTML 4Page - Microchip Technology TC913A Datasheet HTML 5Page - Microchip Technology TC913A Datasheet HTML 6Page - Microchip Technology TC913A Datasheet HTML 7Page - Microchip Technology TC913A Datasheet HTML 8Page - Microchip Technology TC913A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21482B-page 1
TC913A/TC913B
Features
• First Monolithic Dual Auto-Zeroed
Operational Amplifier
• Chopper Amplifier Performance Without External
Capacitors
-VOS:15µVMax
-VOS: Drift; 0.15µV/°C Max
- Saves Cost of External Capacitors
• SOIC Packages Available
• High DC Gain; 120dB
• Low Supply Current; 650
µA
• Low Input Voltage Noise
-0.65
µVP-P (0.1Hz to 10Hz)
• Wide Common Mode Voltage Range
-VSS to VDD -2V
• High Common Mode Rejection; 116dB
• Dual or Single Supply Operation:
-±3.3V to ±8.3V
- +6.5V to +16V
• Excellent AC Operating Characteristics
- Slew Rate; 2.5V/
µsec
- Unity-Gain Bandwidth; 1.5MHz
• Pin Compatible with LM358, OP-14, MC1458,
ICL7621, TL082, TLC322
Applications
• Instrumentation
• Medical Instrumentation
• Embedded Control
• Temperature Sensor Amplifier
• Strain Gage Amplifier
Device Selection Table
Package Type
General Description
The TC913 is the world's first complete monolithic, dual
auto-zeroed operational amplifier. The TC913 sets a
new standard for low power, precision dual-operational
amplifiers. Chopper-stabilized or auto-zeroed amplifi-
ers offer low offset voltage errors by periodically sam-
pling offset error, and storing correction voltages on
capacitors. Previous single amplifier designs required
two user-supplied, external 0.1
µF error storage correc-
tion capacitors — much too large for on-chip integra-
tion. The unique TC913 architecture requires smaller
capacitors,
making
on-chip
integration
possible.
Microvolt offset levels are achieved and external
capacitors are not required.
The TC913 system benefits are apparent when con-
trasted with a TC7650 chopper amplifier circuit imple-
mentation. A single TC913 replaces two TC7650's and
four capacitors. Five components and assembly steps
are eliminated.
The TC913 pinout matches many popular dual-opera-
tional amplifiers: OP-04, TLC322, LM358, and ICL7621
are typical examples. In many applications, operating
from dual 5V power supplies or single supplies, the
TC913 offers superior electrical performance, and can
be a functional drop-in replacement; printed circuit
board rework is not necessary. The TC913's low offset
voltage
error
eliminates
offset
voltage
trim
potentiometers often needed with bipolar and low
accuracy CMOS operational amplifiers.
The TC913 takes full advantage of Microchip's
proprietary CMOS technology. Unity gain bandwidth is
1.5MHz and slew rate is 2.5V/
µsec.
Part Number
Package
Temp.
Range
Offset
Voltage
TC913ACOA
8-Pin SOIC
0°C to
+70°C
15
µV
TC913ACPA
8-Pin PDIP
0°C to
+70°C
15
µV
TC913BCOA
8-Pin SOIC
0°C to
+70°C
30
µV
TC913BCPA
8-Pin PDIP
0°C to
+70°C
30
µV
1
2
3
4
6
5
-IN B
7
8
OUT A
-IN A
+IN A
V
SS
V
SS
V
DD
V
DD
+IN B
PDIP
SOIC
TC913ACPA
TC913BCPA
TC913ACOA
TC913BCOA
OUT B
A
B
1
2
3
4
6
5
-IN B
7
8
OUT A
-IN A
+IN A
+IN B
OUT B
A
B
Dual Auto-Zeroed Operational Amplifiers


Similar Part No. - TC913A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC913A MICROCHIP-TC913A Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
logo
TelCom Semiconductor, I...
TC913ACOA TELCOM-TC913ACOA Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC913ACOA MICROCHIP-TC913ACOA Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
TC913ACOA MICROCHIP-TC913ACOA Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results

Similar Description - TC913A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com