Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC911A Datasheet (PDF) - Microchip Technology

TC911A Datasheet PDF - Microchip Technology
Part # TC911A
Download  TC911A Download
File Size   60.01 Kbytes
Page   7 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Monolithic Auto-Zeroed Operational Amplifers

TC911A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC911A Datasheet PDF - Microchip Technology

Part # TC911A
Download  TC911A Click to download

File Size   60.01 Kbytes
Page   7 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Monolithic Auto-Zeroed Operational Amplifers

TC911A Datasheet (HTML) - Microchip Technology


TC911A Product details

GENERAL DESCRIPTION
The TC911 CMOS auto-zeroed operational amplifier is the first complete monolithic chopper-stabilized amplifier. Chopper operational amplifiers like the ICL7650/7652 and LTC1052 require user-supplied, external offset compensation storage capacitors. External capacitors are not required with the TC911. Just as easy to use as the conventional OP07 type amplifier, the TC911 significantly reduces offset voltage errors. Pinout matches the OP07/741/7650 8-pin mini-DIP configuration.

FEATURES
■ First Monolithic Chopper-Stabilized Amplifier With On-Chip Nulling Capacitors
■ Offset Voltage .................................................... 5µV
■ Offset Voltage Drift .................................. 0.05µV/°C
■ Low Supply Current ...................................... 350µA
■ High Common-Mode Rejection .................... 116dB
■ Single Supply Operation ....................... 4.5V to 16V
■ High Slew Rate ............................................. 2.5V/µs
■ Wide Bandwidth ............................................1.5MHz
■ High Open-Loop Voltage Gain (RL = 10 kΩ) .................................................... 120dB
■ Low Input Voltage Noise (0.1 Hz to 1 Hz) .......................................... 0.65µVP-P
■ Pin Compatible With ICL7650
■ Lower System Parts Count




Similar Part No. - TC911A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911A MICROCHIP-TC911A Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
logo
TelCom Semiconductor, I...
TC911ACOA TELCOM-TC911ACOA Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911ACOA MICROCHIP-TC911ACOA Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
logo
TelCom Semiconductor, I...
TC911ACPA TELCOM-TC911ACPA Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
More results


Similar Description - TC911A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2002
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
logo
Gamma Microelectronics ...
GM324 GAMMA-GM324 Datasheet
116Kb / 8P
LOW POWER QUAD OPERATIONAL AMPLIFERS
logo
Microchip Technology
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com