Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC911A Datasheet(PDF) 3 Page - Microchip Technology

Part # TC911A
Description  Monolithic Auto-Zeroed Operational Amplifers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911A Datasheet(HTML) 3 Page - Microchip Technology

  TC911A Datasheet HTML 1Page - Microchip Technology TC911A Datasheet HTML 2Page - Microchip Technology TC911A Datasheet HTML 3Page - Microchip Technology TC911A Datasheet HTML 4Page - Microchip Technology TC911A Datasheet HTML 5Page - Microchip Technology TC911A Datasheet HTML 6Page - Microchip Technology TC911A Datasheet HTML 7Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Monolithic Auto-Zeroed Operational Amplifers
TC911A
TC911B
© 2001 Microchip Technology Inc.
DS21481A
TYPICAL CHARACTERISTICS
450
–100
AMBIENT TEMPERATURE (
°C)
400
350
300
250
200
–50
0
50
100
150
Supply Current vs. Temperature
V
S = ±5V
HORIZONTAL SCALE = 2
µs/DIV
Large Signal Output
Switching Waveform
R
L = 10 kΩ
T
A = +25°C
0V
INPUT VERTICAL
SCALE = 2 V/DIV
OUTPUT
VERTICAL
SCALE
= 1 V/DIV
35
–6
INPUT COMMON-MODE VOLTAGE (V)
Input Offset Voltage vs.
Common-Mode Voltage
30
25
20
15
10
5
0
–5 –4 –3 –2 –1
01234
V
S = ±5V
T
A
= +25
°C
700
600
500
400
300
200
100
0
2345678
± SUPPLY VOLTAGE (V)
T
A = +25°C
Supply Current vs.
± Supply Voltage
50
10k
FREQUENCY (Hz)
Gain and Phase vs. Frequency
40
30
20
10
0
–10
–20
–30
–40
100k
1M
10M
PHASE
GAIN
V
S = ±5V
T
A = +25°C
R
L = 10 kΩ
225
180
135
90
45
0
–45
–90
–135
–180
100
LOAD RESISTANCE (
Ω)
Output Voltage Swing vs.
Load Resistance
5.0
V
S = ±5V
T
A = +25°C
–SWING
+SWING
4.2
3.4
2.6
1.8
1.0
1k
10k
100k
1M
5.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com