Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA544 Datasheet (PDF) - Texas Instruments

OPA544 Datasheet PDF - Texas Instruments
Part # OPA544
Download  OPA544 Download
File Size   417.36 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Voltage, High-Current OPERATIONAL AMPLIFIER

OPA544 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA544 Datasheet PDF - Texas Instruments

Part # OPA544
Download  OPA544 Click to download

File Size   417.36 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Voltage, High-Current OPERATIONAL AMPLIFIER

OPA544 Datasheet (HTML) - Texas Instruments


OPA544 Product details

FEATURES
HIGH OUTPUT CURRENT: 2A min
WIDE POWER SUPPLY RANGE:
±10 to ±35V
SLEW RATE: 8V/ms
INTERNAL CURRENT LIMIT
THERMAL SHUTDOWN PROTECTION
FET INPUT: IB = 100pA max
5-LEAD TO-220 PLASTIC PACKAGE
5-LEAD SURFACE MOUNT PACKAGE

APPLICATIONS
MOTOR DRIVER
PROGRAMMABLE POWER SUPPLY
SERVO AMPLIFIER
VALVES, ACTUATOR DRIVER
MAGNETIC DEFLECTION COIL DRIVER
AUDIO AMPLIFIER

DESCRIPTION
The OPA544 is a high-voltage/high-current operational
amplifier suitable for driving a wide variety of
high power loads. High performance FET op amp
circuitry and high power output stage are combined on
a single monolithic chip.
The OPA544 is protected by internal current limit and
thermal shutdown circuits.
The OPA544 is available in industry-standard
5-lead TO-220 and 5-lead surface-mount power packages.
Its copper tab allows easy mounting to a heat
sink for excellent thermal performance. It is specified
for operation over the extended industrial temperature
range, –40°C to +85°C.




Similar Part No. - OPA544

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA544 BURR-BROWN-OPA544 Datasheet
198Kb / 8P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA544 TI1-OPA544 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
Burr-Brown (TI)
OPA544F BURR-BROWN-OPA544F Datasheet
198Kb / 8P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544F TI-OPA544F Datasheet
174Kb / 10P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results


Similar Description - OPA544

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com