Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA567 Datasheet (PDF) - Texas Instruments

OPA567 Datasheet PDF - Texas Instruments
Part # OPA567
Download  OPA567 Download
File Size   610.89 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Rail-to-Rail I/O, 2A POWER AMPLIFIER

OPA567 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA567 Datasheet PDF - Texas Instruments

Part # OPA567
Download  OPA567 Click to download

File Size   610.89 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Rail-to-Rail I/O, 2A POWER AMPLIFIER

OPA567 Datasheet (HTML) - Texas Instruments


OPA567 Product details

FEATURES
HIGH OUTPUT CURRENT: 2A
OUTPUT SWINGS TO: 150mV of Rails with IO = 2A
THERMAL PROTECTION
ADJUSTABLE CURRENT LIMIT
TWO FLAGS: Current Limit and Temperature
Warning
LOW SUPPLY VOLTAGE OPERATION: 2.7V to 5.5V
SHUTDOWN FUNCTION WITH OUTPUT DISABLE
SMALL POWER PACKAGE

APPLICATIONS
THERMOELECTRIC COOLER DRIVER
LASER DIODE PUMP DRIVER
VALVE, ACTUATOR DRIVER
SYNCHRO, SERVO DRIVER
TRANSDUCER EXCITATION
GENERAL LINEAR POWER BOOSTER FOR
OP AMPS

DESCRIPTION
The OPA567 is a low-cost, high-current, operational amplifier
designed for driving a wide variety of loads while operating on
low-voltage supplies. It operates from either single or dual
supplies for design flexibility and has rail-to-rail swing on the
input and output. Output swing is within 300mV of the supply
rails, with output current of 2A. Smaller loads allow an output
swing closer to the rails.
The OPA567 is unity gain stable, easy to use, and free from
the phase inversion problems found in some power amplifiers.
High performance is maintained at voltage swings near
the output rails.
The OPA567 provides an accurate user-selected current
limit set with an external resistor, or digitally adjusted via a
Digital-to-Analog Converter (DAC).
The output of the OPA567 can be independently disabled
using the Enable pin. This feature saves power and protects
the load.
Two flags are provided. The current limit flag, IFLAG, warns of
current limit conditions. TFLAG is a thermal flag that warns of
thermal overstress. The TFLAG pin can be connected to the
Enable pin to provide a thermal shutdown solution.
The OPA567 is available in a tiny 5mm x 5mm Quad
Flatpack No-lead (QFN) package and features an exposed
thermal pad that enhances thermal and electrical characteristics.
It is small and easy to heat sink. The OPA567 is
specified for operation over the industrial temperature range,
–40°C to +85°C.




Similar Part No. - OPA567

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA567 TI-OPA567 Datasheet
521Kb / 23P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA567 TI-OPA567 Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA567AIRHGR TI-OPA567AIRHGR Datasheet
521Kb / 23P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA567AIRHGRG4 TI-OPA567AIRHGRG4 Datasheet
521Kb / 23P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA567AIRHGT TI-OPA567AIRHGT Datasheet
521Kb / 23P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
More results


Similar Description - OPA567

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
OPA567 TI-OPA567 Datasheet
521Kb / 23P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
logo
Burr-Brown (TI)
OPA569 BURR-BROWN-OPA569 Datasheet
509Kb / 24P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
logo
Texas Instruments
INA326 TI-INA326_07 Datasheet
612Kb / 23P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
Rail-to-Rail I/O
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
OPA569 TI1-OPA569 Datasheet
1Mb / 28P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com