Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA569 Datasheet (PDF) - Texas Instruments

OPA569 Datasheet PDF - Texas Instruments
Part # OPA569
Download  OPA569 Download
File Size   670.56 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Rail-to-Rail I/O, 2A POWER AMPLIFIER

OPA569 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA569 Datasheet PDF - Texas Instruments

Part # OPA569
Download  OPA569 Click to download

File Size   670.56 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Rail-to-Rail I/O, 2A POWER AMPLIFIER

OPA569 Datasheet (HTML) - Texas Instruments


OPA569 Product details

FEATURES
HIGH OUTPUT CURRENT: 2A
OUTPUT SWINGS TO: 150mV of Rails with IO = 2A
THERMAL PROTECTION
ADJUSTABLE CURRENT LIMIT
TWO FLAGS: Current Limit and Temperature
Warning
LOW SUPPLY VOLTAGE OPERATION: 2.7V to 5.5V
SHUTDOWN FUNCTION WITH OUTPUT DISABLE
SMALL POWER PACKAGE: SO-20 PowerPAD™

APPLICATIONS
THERMOELECTRIC COOLER DRIVER
LASER DIODE PUMP DRIVER
VALVE, ACTUATOR DRIVER
SYNCHRO, SERVO DRIVER
TRANSDUCER EXCITATION
GENERAL LINEAR POWER BOOSTER FOR
OP AMPS
PARALLELING OPTION FOR HIGHER
CURRENT APPLICATIONS

DESCRIPTION
The OPA569 is a low-cost, high-current, operational amplifier
designed for driving a wide variety of loads while operating on
low-voltage supplies. It operates from either single or dual
supplies for design flexibility and has rail-to-rail swing on the
input and output. Typical output swing is within 150mV of the
supply rails, with output current of 2A. Output swing closer to
the rails is achievable with lighter loads.
The OPA569 is unity-gain stable, has low dc errors, is easy
to use, and free from the phase inversion problems found in
some power amplifiers. High performance is maintained at
voltage swings near the output rails.
The OPA569 provides an accurate user-selected current
limit that is set with an external resistor, or digitally adjusted
via a Digital-to-Analog Converter.
The OPA569 output can be independently disabled using the
Enable pin, saving power and protecting the load.
The IMONITOR pin provides a 1:475 bidirectional copy of the
output current. This eliminates the need for a series current
shunt resistor, allowing more voltage to be applied to the
load. This pin can be used for simple monitoring, or feedback
control to establish constant output current.
Two flags are provided: one for warning of thermal overstress,
and one for current limit condition. The Thermal Flag
pin can be connected to the Enable pin to provide a thermal
shutdown solution.
Packaged in the Texas Instruments PowerPAD™ package,
it is small and easy to heat-sink. The OPA569 is specified for
operation over the industrial temperature range, –40°C to
+85°C.




Similar Part No. - OPA569

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA569 BURR-BROWN-OPA569 Datasheet
509Kb / 24P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
logo
Texas Instruments
OPA569 TI-OPA569 Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA569 TI1-OPA569 Datasheet
1Mb / 28P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
OPA569 TI2-OPA569 Datasheet
610Kb / 27P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
REVISED SEPTEMBER 2005
logo
Burr-Brown (TI)
OPA569AIDWP BURR-BROWN-OPA569AIDWP Datasheet
509Kb / 24P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
More results


Similar Description - OPA569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
OPA567 TI-OPA567 Datasheet
521Kb / 23P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
logo
Burr-Brown (TI)
OPA569 BURR-BROWN-OPA569 Datasheet
509Kb / 24P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
logo
Texas Instruments
INA326 TI-INA326_07 Datasheet
612Kb / 23P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
Rail-to-Rail I/O
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
OPA569 TI1-OPA569 Datasheet
1Mb / 28P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com