Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA300 Datasheet (PDF) - Texas Instruments

OPA300 Datasheet PDF - Texas Instruments
Part # OPA300
Download  OPA300 Download
File Size   655.51 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision, High-Speed Transimpedance Amplifier

OPA300 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA300 Datasheet PDF - Texas Instruments

Part # OPA300
Download  OPA300 Click to download

File Size   655.51 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision, High-Speed Transimpedance Amplifier

OPA300 Datasheet (HTML) - Texas Instruments


OPA300 Product details

FEATURES
> 1MHz TRANSIMPEDANCE BANDWIDTH
EXCELLENT LONG-TERM VOS STABILITY
BIAS CURRENT: 50pA (max)
OFFSET VOLTAGE: 25μV (max)
DYNAMIC RANGE: 4 to 5 Decades
DRIFT: 0.1μV/°C (max)
GAIN BANDWIDTH: 90MHz
QUIESCENT CURRENT: 7.5mA
SUPPLY RANGE: 2.7V to 5.5V
SINGLE AND DUAL VERSIONS
MicroSize PACKAGE: MSOP-8

APPLICATIONS
PHOTODIODE MONITORING
PRECISION I/V CONVERSION
OPTICAL AMPLIFIERS
CAT-SCANNER FRONT-END

DESCRIPTION
The OPA380 family of transimpedance amplifiers provides
high-speed (90MHz Gain Bandwidth [GBW]) operation, with
extremely high precision, excellent long-term stability, and
very low 1/f noise. It is ideally suited for high-speed
photodiode applications. The OPA380 features an offset
voltage of 25μV, offset drift of 0.1μV/°C, and bias current of
50pA. The OPA380 far exceeds the offset, drift, and noise
performance that conventional JFET op amps provide.
The signal bandwidth of a transimpedance amplifier depends
largely on the GBW of the amplifier and the parasitic
capacitance of the photodiode, as well as the feedback
resistor. The 90MHz GBW of the OPA380 enables a transimpedance
bandwidth of > 1MHz in most configurations. The
OPA380 is ideally suited for fast control loops for power level
on an optical fiber.
As a result of the high precision and low-noise characteristics
of the OPA380, a dynamic range of 4 to 5 decades can be
achieved. For example, this capability allows the
measurement of signal currents on the order of 1nA, and up
to 100μA in a single I/V conversion stage. In contrast to
logarithmic amplifiers, the OPA380 provides very wide
bandwidth throughout the full dynamic range. By using an
external pull-down resistor to –5V, the output voltage range
can be extended to include 0V.
The OPA380 (single) is available in MSOP-8 and SO-8
packages. The OPA2380 (dual) is available in the
miniature MSOP-8 package. They are specified from
–40°C to +125°C.




Similar Part No. - OPA300

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA300 BURR-BROWN-OPA300 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA300 TI-OPA300 Datasheet
498Kb / 19P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA300 TI1-OPA300 Datasheet
780Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
OPA300 TI1-OPA300 Datasheet
1Mb / 27P
OPERATIONAL AMPLIFIER
More results


Similar Description - OPA300

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Sony Corporation
CXA1684M SONY-CXA1684M Datasheet
95Kb / 6P
High-Speed Transimpedance Amplifier
CXA1685M SONY-CXA1685M Datasheet
106Kb / 8P
High-Speed Transimpedance Amplifier
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
OPA2381 BURR-BROWN-OPA2381 Datasheet
489Kb / 19P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Sony Corporation
CXA1547Q SONY-CXA1547Q Datasheet
280Kb / 5P
High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
Precision, High-Speed Transimpedance Amplifier
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
Precision, Low Power, 18MHz Transimpedance Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com