Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82B715 Datasheet (PDF) - Texas Instruments

P82B715 Datasheet PDF - Texas Instruments
Part # P82B715
Download  P82B715 Download
File Size   564.68 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description P82B715 I2C Bus Extender

P82B715 Datasheet (PDF)

Go To PDF Page Download Datasheet
P82B715 Datasheet PDF - Texas Instruments

Part # P82B715
Download  P82B715 Click to download

File Size   564.68 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description P82B715 I2C Bus Extender

P82B715 Datasheet (HTML) - Texas Instruments


P82B715 Product details

1 Features
1• Operating Power-Supply Voltage Range of
3 V to 12 V
• Supports Bidirectional Data Transfer of I2C Bus
Signals
• Allows Bus Capacitance of 400 pF on Main I2C
Bus (Sx/Sy Side) and 3000 pF on Transmission
Side (Lx/Ly Side)
• Dual Bidirectional Unity-Voltage-Gain Buffer With
No External Directional Control Required
• Drives 10× Lower-Impedance Bus Wiring for
Improved Noise Immunity
• Multi-Drop Distribution of I2C Signals Using Low-
Cost Twisted-Pair Cables
• I2C Bus Operation Over 50 Meters of Twisted-Pair
Wire
• Latch-up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2500-V Human-Body Model (A114-A)
– 400-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• HDMI DDC
• Long I2C Communications
• Industrial Communications

3 Description
The P82B715 is a device for buffering highlycapacitive
I2C bus systems, and it supports
bidirectional data transfer through the I2C bus. The
P82B715 buffers both the serial data (SDA) and
serial clock (SCL) signals on the I2C bus and allows
for extension of the I2C bus, while retaining all the
operating modes and features of the I2C system.




Similar Part No. - P82B715

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B715 PHILIPS-P82B715 Datasheet
96Kb / 10P
I2C bus extender
1998 Jan 09
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
P82B715 NXP-P82B715 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
More results


Similar Description - P82B715

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
I2C bus extender
1998 Jan 09
PCA9507 NXP-PCA9507 Datasheet
128Kb / 20P
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01-7 February 2008
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
I2C-bus repeater
Rev. 09-23 April 2009
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
I2C-bus repeater
Rev. 5-23 March 2012
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
I2C Bus Extender
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
Bus Extender
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com