Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9527 Datasheet (PDF) - NXP Semiconductors

PCA9527 Datasheet PDF - NXP Semiconductors
Part # PCA9527
Download  PCA9527 Download
File Size   146.05 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus

PCA9527 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9527 Datasheet PDF - NXP Semiconductors

Part # PCA9527
Download  PCA9527 Click to download

File Size   146.05 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus

PCA9527 Datasheet (HTML) - NXP Semiconductors


PCA9527 Product details

General description
The PCA9527 is a 3-channel bidirectional open-drain bus buffer for Display Data Control (DDC) clock, data and Consumer Electronic Control (CEC) for HDMI application. The device has two power supply pins to allow voltage level shift from 2.7 V to 5 V, and a rise time accelerator on port A of each DDC clock and data for driving longer cable (up to 18 meters or 1400 pF reliably without violating the bus rise time). The 5 V tolerant CEC channel is internally connected to VCC(B) and has no rise time accelerator. The CEC channel can be used as an interrupt or reset.

Features
■ 3-channel, bidirectional buffer isolates capacitance allowing 1400 pF on port A and 400 pF on port B
■ Exceeds 18 meters (above the maximum distance for HDMI DDC)
■ Rise time accelerator and normal I/O on port A (no accelerator for CEC)
■ Static level offset on port B
■ Voltage level translation from 2.7 V to 5.5 V
■ CEC is 5 V tolerant, powered by VCC(B)
■ Upgrade replacement over PCA9507 and PCA9517A for cable application
■ I2C-bus, SMBus and DDC-bus compatible
■ Active HIGH buffer enable input
■ Open-drain input/outputs
■ Lock-up free operation
■ Supports arbitration and clock stretching across the repeater
■ Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters
■ Powered-off high-impedance I2C-bus pins
■ Port A operating supply voltage range of 2.7 V to 5.5 V
■ Port B operating supply voltage range of 2.7 V to 3.6 V
■ 5 V tolerant I2C-bus and enable pins
■ 0 Hz to 400 kHz clock frequency (the maximum system operating frequency may be less than 400 kHz because of the delays added by the repeater)
■ ESD protection exceeds 8000 V HBM per JESD22-A114, 500 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Package offered: TSSOP10




Similar Part No. - PCA9527

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9527 NXP-PCA9527 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9527

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
I2C bus extender
1998 Jan 09
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
NXP Semiconductors
PCA9507 NXP-PCA9507 Datasheet
128Kb / 20P
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01-7 February 2008
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
P82B715 TI-P82B715 Datasheet
642Kb / 17P
I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
I2C Bus Extender
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com