Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI2040 Datasheet (PDF) - Texas Instruments

PCI2040 Datasheet PDF - Texas Instruments
Part # PCI2040
Download  PCI2040 Download
File Size   395.91 Kbytes
Page   79 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCI-DSP Bridge Controller

PCI2040 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCI2040 Datasheet PDF - Texas Instruments

Part # PCI2040
Download  PCI2040 Click to download

File Size   395.91 Kbytes
Page   79 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCI-DSP Bridge Controller

PCI2040 Datasheet (HTML) - Texas Instruments


PCI2040 Product details

1.1 Description
The TI PCI2040 is a PCI-DSP bridge that provides a glueless connection between the 8-bit host port interface (HPI)
port on the TMS320C54X or the 16-bit HPI port on TMS320C6X to the high performance PCI bus. It provides a PCI
bus target interface compliant with the PCI Local Bus Specification.
The PCI2040 provides several external interfaces: the PCI bus interface with compact PCI support, the HPI port
interface with support for up to four DSPs, a serial ROM interface, a general-purpose input/output interface (GPIOs),
and a 16-bit general-purpose bus to provide a glueless interface to TI JTAG test bus controller (TBC). The PCI2040
universal target-only PCI interface is compatible with 3.3-V or 5-V signaling environments.
The PCI2040 interfaces with DSPs via a data bus (HPI port). The PCI2040 also provides a serial ROM interface for
preloading several registers including the subsystem ID and subsystem vendor ID.
The PCI2040, compliant with the latest PCI Bus Power Management Interface Specification, provides several
low-power features that reduce power consumption. Furthermore, an advanced CMOS process achieves low system
power consumption.
Unused PCI2040 inputs must be pulled to a valid logic level using a pullup resistor.
1.2 Features
The PCI2040 supports the following features:
• PCI bus target only, supporting both single-word reads and writes
• Write transaction posting for improved PCI bus performance
• Provides glueless interface to host port interface (HPI) port of C54x and/or C6x
• Up to four DSP devices on HPI
• Allows direct access to program and control external devices connected to PCI2040
• Serial ROM interface for loading subsystem ID and subsystem vendor ID
• A 16-bit general-purpose bus (GPB) that provides glueless interface to TI JTAG TBC
• 3.3-V core logic with universal PCI interface compatible with 3.3-V or 5-V signaling environments
• Advanced submicron, low-power CMOS technology
• 144-pin device and choice of surface mount packaging: TQFP or 12 mm x 12 mm MicroStar BGA
• Up to 33 MHz PCI bus frequency




Similar Part No. - PCI2040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
PCI2040 PCI-DSP Bridge controller
PCI2040 TI1-PCI2040 Datasheet
319Kb / 78P
PCI2040 PCI-DSP Bridge Controller
PCI2040 TI1-PCI2040 Datasheet
444Kb / 88P
PCI-to-PCI Bridge
PCI2040GGU TI1-PCI2040GGU Datasheet
444Kb / 88P
PCI-to-PCI Bridge
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
PCI2040 PCI-DSP Bridge Controller
More results


Similar Description - PCI2040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
PCI2040 PCI-DSP Bridge controller
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
DSP CONTROLLER
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
PCI Bridge Memory Controller
logo
Motorola, Inc
MPC106 MOTOROLA-MPC106 Datasheet
142Kb / 28P
PCI Bridge/Memory Controller
logo
Texas Instruments
TMS320F240 TI-TMS320F240_05 Datasheet
1Mb / 105P
DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
DSP CONTROLLER
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
PCI2040 PCI-DSP Bridge Controller
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
DSP CONTROLLER
PCI2040 TI1-PCI2040_06 Datasheet
319Kb / 78P
PCI2040 PCI-DSP Bridge Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com