Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C109D Datasheet (PDF) - Cypress Semiconductor

CY7C109D Datasheet PDF - Cypress Semiconductor
Part # CY7C109D_V01
Download  CY7C109D Download
File Size   882.46 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (128 K × 8) Static RAM

CY7C109D Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C109D Datasheet PDF - Cypress Semiconductor

Part # CY7C109D_V01
Download  CY7C109D Click to download

File Size   882.46 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (128 K × 8) Static RAM

CY7C109D Datasheet (HTML) - Cypress Semiconductor


CY7C109D Product details

Features
■ Pin- and function-compatible with CY7C109B/CY7C1009B
■ High speed
❐ tAA = 10 ns
■ Low active power
❐ ICC = 80 mA at 10 ns
■ Low CMOS standby power
❐ ISB2 = 3 mA
■ 2.0 V Data Retention
■ Automatic power-down when deselected
■ TTL-compatible inputs and outputs
■ Easy memory expansion with CE1, CE2 and OE options
■ CY7C109D available in Pb-free 32-pin 400-Mil wide Molded SOJ and 32-pin TSOP I packages. CY7C1009D available in Pb-free 32-pin 300-Mil wide Molded SOJ package

Functional Description
The CY7C109D/CY7C1009D is a high-performance CMOS static RAM organized as 131,072 words by 8 bits. Easy memory expansion is provided by an active LOW Chip Enable (CE1), an active HIGH Chip Enable (CE2), an active LOW Output Enable (OE), and tri-state drivers.The eight input and output pins (I/O0 through I/O7) are placed in a high-impedance state when:
■ Deselected (CE1 HIGH or CE2 LOW),
■ Outputs are disabled (OE HIGH),
■ When the write operation is active (CE1 LOW, CE2 HIGH, and WE LOW)
Write to the device by taking Chip Enable One (CE1) and Write Enable (WE) inputs LOW and Chip Enable Two (CE2) input HIGH. Data on the eight I/O pins (I/O0 through I/O7) is then written into the location specified on the address pins (A0 through A16).
Read from the device by taking Chip Enable One (CE1) and Output Enable (OE) LOW while forcing Write Enable (WE) and Chip Enable Two (CE2) HIGH. Under these conditions, the contents of the memory location specified by the address pins appears on the I/O pins.
The CY7C109D/CY7C1009D device is suitable for interfacing with processors that have TTL I/P levels. It is not suitable for processors that require CMOS I/P levels. Please see Electrical Characteristics on page 4 for more details and suggested alternatives.
For a complete list of related documentation, click here.




Similar Part No. - CY7C109D_V01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109D-10VXI CYPRESS-CY7C109D-10VXI Datasheet
991Kb / 11P
1-Mbit (128K x 8) Static RAM
CY7C109D-10VXI CYPRESS-CY7C109D-10VXI Datasheet
392Kb / 14P
1-Mbit (128 K 횞 8) Static RAM Low active power
CY7C109D-10ZXI CYPRESS-CY7C109D-10ZXI Datasheet
991Kb / 11P
1-Mbit (128K x 8) Static RAM
CY7C109D-10ZXI CYPRESS-CY7C109D-10ZXI Datasheet
392Kb / 14P
1-Mbit (128 K 횞 8) Static RAM Low active power
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
1-Mbit (128 K 횞 8) Static RAM Low active power
More results


Similar Description - CY7C109D_V01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30_11 Datasheet
920Kb / 15P
1-Mbit (128 K 횞 8) Static RAM Typical standby current: 1 關A
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
1-Mbit (128 K 횞 8) Static RAM Low active power
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
1-Mbit (128 K x 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
1-Mbit (128 K 횞 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
1-Mbit (128 K 횞 8) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
1-Mbit (128 K x 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
1-Mbit (128 K 횞 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
1-Mbit (128 K x 8) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com