Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-4125GS-TNRT2 Datasheet (PDF) - Super Micro Computer, Inc.

AS-4125GS-TNRT2 Datasheet PDF - Super Micro Computer, Inc.
Part # AS-4125GS-TNRT2
Download  AS-4125GS-TNRT2 Download
File Size   596.0 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description GPU A Server AS -4125GS-TNRT2

AS-4125GS-TNRT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS-4125GS-TNRT2 Datasheet PDF - Super Micro Computer, Inc.

Part # AS-4125GS-TNRT2
Download  AS-4125GS-TNRT2 Click to download

File Size   596.0 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description GPU A Server AS -4125GS-TNRT2

AS-4125GS-TNRT2 Datasheet (HTML) - Super Micro Computer, Inc.


AS-4125GS-TNRT2 Product details

Key Applications
AI / Deep Learning, Big Data Analytics and AI, High Performance Computing,
Engineering/scientific research,
Key Features
Flexible GPU support: active & passive GPUs
Dual Root Configuration with PCIe Switch for up to 10 double width, full
length GPUs
8 Hot-Swap Heavy Duty Fans with Optimal Fan Speed Control;
Dual-Socket, AMD EPYC™ 9004/9005 Series Processors up to 400W TDP;
Supports up to 24 DIMM Slots, 6000 MT/s 6TB DDR5 memory
(Please check System Memory Section for detail);
AIOM / OCP 3.0 Support;
Total of 8 Hot-swap 2.5" NVMe drive bays
1 M.2 Slot;
Total of 4x 2000W Redundant (2 + 2) Titanium Level power supplies
(Power supply full redundancy based on configuration and application
load);




Similar Part No. - AS-4125GS-TNRT2

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
AS-4125GS-TNRT SUPERMICRO-AS-4125GS-TNRT Datasheet
599Kb / 2P
GPU A Server AS -4125GS-TNRT
More results


Similar Description - AS-4125GS-TNRT2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
List of Unclassifed Man...
SP-15W03 ETC2-SP-15W03 Datasheet
437Kb / 2P
NVIDIA ION2 GT218 GPU
logo
Advantech Co., Ltd.
HPC-7400MB-14A1E ADVANTECH-HPC-7400MB-14A1E Datasheet
1Mb / 2P
4U GPU Server System With Xeon E5-2600 v3 CPU, support up to 2* Tesla K40 GPU cards and 1400W RPS
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
1U Rackmount Intel Xeon E5-2600 v3 GPU server
logo
Vecow Co., Ltd.
ECS-9755-GTX1050 VECOW-ECS-9755-GTX1050 Datasheet
498Kb / 2P
GPU Computing Systems
20180710
logo
Adlink Technology Inc.
MVP-5100 ADLINK-MVP-5100 Datasheet
443Kb / 2P
Embedded GPU/AI Platforms
logo
Advantech Co., Ltd.
AIR-500D ADVANTECH-AIR-500D Datasheet
1Mb / 3P
Intel® Xeon® D-1700 Series Extreme AI Edge Server Support Dual PCIe x16 GPU
31-Aug-2022
logo
CoolCox Limited All rig...
VC-AL4002 COOLCOX-VC-AL4002 Datasheet
356Kb / 1P
GPU COOLER VC-AL4002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com