Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS-4125GS-TNRT2 Datasheet(PDF) 2 Page - Super Micro Computer, Inc.

Part # AS-4125GS-TNRT2
Description  GPU A Server AS -4125GS-TNRT2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.

AS-4125GS-TNRT2 Datasheet(HTML) 2 Page - Super Micro Computer, Inc.

  AS-4125GS-TNRT2 Datasheet HTML 1Page - Super Micro Computer, Inc. AS-4125GS-TNRT2 Datasheet HTML 2Page - Super Micro Computer, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
System Cooling
Fans: 8 heavy duty fans with optimal fan speed control
Power Supply
4x 2000W Redundant (2 + 2) Titanium Level (96%) power supplies
System BIOS
BIOS Type: AMI 32MB SPI Flash EEPROM
Management
SuperCloud Composer®; Supermicro Server Manager (SSM); Supermicro Update Manager (SUM); Supermicro
SuperDoctor® 5 (SD5); Super Diagnostics Offline (SDO); Supermicro Thin-Agent Service (TAS); SuperServer
Automation Assistant (SAA) New!
PC Health Monitoring
CPU: Monitors for CPU Cores, Chipset Voltages, Memory
7 +1 Phase-switching voltage regulator
FAN: Fans with tachometer monitoring
Status monitor for speed control
Pulse Width Modulated (PWM) fan connectors
Temperature: Monitoring for CPU and chassis environment
Thermal Control for fan connectors
Dimensions and Weight
Weight: Gross Weight: 100 lbs (45.3 kg)
Net Weight: 65.5 lbs (29.7 kg)
Available Color: Black Front & Silver Body
Operating Environment
Operating Temperature: 10°C to 35°C (50°F to 95°F)
Non-operating Temperature: -40°C to 60°C (-40°F to 140°F)
Operating Relative Humidity: 8% to 90% (non-condensing)
Non-operating Relative Humidity: 5% to 95% (non-condensing)
Motherboard
Super H13DSG-O-CPU
Chassis
CSE-418G2TS
DATASHEET
©2025 Copyright Super Micro Computer, Inc. All rights reserved. *Product specifications may change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com