Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740 Datasheet (PDF) - Texas Instruments

PCM1740 Datasheet PDF - Texas Instruments
Part # PCM1740
Download  PCM1740 Download
File Size   463.79 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL

PCM1740 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1740 Datasheet PDF - Texas Instruments

Part # PCM1740
Download  PCM1740 Click to download

File Size   463.79 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL

PCM1740 Datasheet (HTML) - Texas Instruments


PCM1740 Product details

FEATURES
COMPLETE DELTA-SIGMA STEREO DAC
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR:
27MHz ±150ppm Output with 0V to 3V Input
PROGRAMMABLE PLL
256fS or 384fS Audio System Clock Output
DYNAMIC PERFORMANCE:
Dynamic Range: 94dB
SNR: 94dB
THD+N: –89dB
SAMPLING FREQUENCIES:
16kHz, 22.05kHz, 24kHz
32kHz, 44.1kHz, 48kHz
64kHz, 88.2kHz, 96kHz
SERIAL AUDIO INTERFACE:
Standard or I2S™ Data Formats
16-, 20-, or 24-Bit Data
I2C-BUS™ INTERFACE FOR CONTROL
REGISTERS:
Slave Receiver Operation
7-Bit Addressing
Standard Transfer Rate (up to 100kbps)
PROGRAMMABLE CONTROLS:
Digital Attenuation (256 steps)
Soft Mute
Infinite Zero Detect Mute
De-Emphasis (32kHz, 44.1kHz, 48kHz)
DAC Output Mode
SINGLE +5V SUPPLY
SMALL SSOP-24 PACKAGE

APPLICATIONS
SET-TOP BOXES
DIGITAL BROADCAST RECEIVERS

DESCRIPTION
The PCM1740 is a complete stereo audio digital-toanalog
converter with on-chip PLL and VCXO. The
PCM1740 is designed specifically for set-top box applications
requiring high-quality audio playback, a precision
tuned 27MHz master clock source, and support for multiple
audio-sampling frequencies.
The stereo digital-to-analog converter (DAC) uses multibit,
delta-sigma architecture, which includes an 8x interpolation
filter, 3rd-order noise shaping, 5-level amplitude
quantization, and an analog low-pass filter. The PCM1740
includes a number of user-programmable functions, which
are accessed via a standard I2C-Bus interface.




Similar Part No. - PCM1740

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Texas Instruments
PCM1740 TI1-PCM1740 Datasheet
536Kb / 25P
DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1740E BURR-BROWN-PCM1740E Datasheet
359Kb / 20P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Texas Instruments
PCM1740E TI1-PCM1740E Datasheet
536Kb / 25P
DIGITAL-TO-ANALOG CONVERTER
PCM1740E-2/2K TI1-PCM1740E-2/2K Datasheet
536Kb / 25P
DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - PCM1740

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1723 BURR-BROWN-PCM1723 Datasheet
218Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
PCM1727 BURR-BROWN-PCM1727 Datasheet
220Kb / 15P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com