Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1740
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1740 Datasheet HTML 4Page - Texas Instruments PCM1740 Datasheet HTML 5Page - Texas Instruments PCM1740 Datasheet HTML 6Page - Texas Instruments PCM1740 Datasheet HTML 7Page - Texas Instruments PCM1740 Datasheet HTML 8Page - Texas Instruments PCM1740 Datasheet HTML 9Page - Texas Instruments PCM1740 Datasheet HTML 10Page - Texas Instruments PCM1740 Datasheet HTML 11Page - Texas Instruments PCM1740 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PCM1740
8
SBAS128B
www.ti.com
The 27MHz clock is available at the MCKO output (pin 5).
The VCXO output frequency can be precisely tuned using a
control voltage at the XTUN input (pin 3). The tuning range
is 27MHz
±150ppm typical for a 0V to +3V control voltage
range. Figure 3 shows the VCXO equivalent circuit, while
Figure 4 shows the typical tuning curve.
At power up, the VCXO requires 5ms start up time. The
VCXO also exhibits a 10
µs settling time in response to
changes in the XTUN control voltage. VCXO operation and
the MCKO output are not affected by the power on or
external reset functions, continuing to operate during the
initialization sequence.
Crystal Selection
The VCXO connects to an external 27MHz crystal via XT1
(pin 1) and XT2 (pin 24). The crystal should be AT-cut,
fundamental mode with
±30ppm accuracy and less than 50Ω
motional resistance. Crystal shunt capacitance should be 3pF
maximum, while load capacitance should be less than 7pF.
Miniature lead type or surface-mount devices are recom-
mended. External load capacitors are not needed, since they
are provided on-chip. The crystal should be placed as close as
possible to the XT1 and XT2 pins to reduce effects of parasitic
capacitance and land resistance.
PROGRAMMABLE PHASE LOCKED LOOP (PLL)
The PCM1740 includes an on-chip PLL for generating a 256fS
or 384fS audio system clock from the 27MHz VCXO output.
A block diagram of the PLL section is shown in Figure 5. The
PLL output clock is used by the digital filter and delta-sigma
modulator circuitry, and is made available at the SCKO output
(pin 21) for use with additional audio converters and signal
processors.
Tuning Voltage (V)
27.005
27.004
27.003
27.002
27.001
27.000
26.999
26.998
26.997
26.996
26.995
0.0
0.5
1.5
1.0
2.0
2.5
3.0
3.5
4.0
27MHz
Crystal
XTUN
0V to +3V
VCXO
MCKO
27MHz
±150ppm
SCKO
256/384f
S
Frequency
Selection
ROM
Phase
Detector
and
Loop Filter
PLL
N Counter
Frequency Selection
Control Register 3
VCO
M Counter
FIGURE 3. VCXO Equivalent Circuit.
FIGURE 4. VCXO Output Frequency (MCKO) versus
Tuning Voltage (XTUN).
XT1
27MHz
Crystal
27MHz
Tuned Clock
Voltage
Range
0 to 3V
1
24
3
XTUN
C
LV
XT2
C
L
FIGURE 5. PLL Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com