Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1740
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1740 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1740 Datasheet HTML 9Page - Texas Instruments PCM1740 Datasheet HTML 10Page - Texas Instruments PCM1740 Datasheet HTML 11Page - Texas Instruments PCM1740 Datasheet HTML 12Page - Texas Instruments PCM1740 Datasheet HTML 13Page - Texas Instruments PCM1740 Datasheet HTML 14Page - Texas Instruments PCM1740 Datasheet HTML 15Page - Texas Instruments PCM1740 Datasheet HTML 16Page - Texas Instruments PCM1740 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PCM1740
13
SBAS128B
www.ti.com
IW0
Audio Data Word Length
IW1
The IW0 and IW1 bits are used to select the data word length for the audio serial interface.
The audio data format is selected using the IIS bit in Register 3.
IW1
IW0
Word Length
0
0
16-bits (default)
0
1
20-bits
1
0
24-bits
1
1
Reserved
PL[3:0]
Analog Output Mode Select
Bits PL[3:0] are used to set the output mode for the analog outputs. Refer to the table below.
PL3
PL2
PL1
PL0
VOUTLVOUTR
Notes
0
0
0
0
Mute
Mute
Mute
0
0
0
1
Left
Mute
0
010Right
Mute
0
0
1
1
(L+R)/2
Mute
0
1
0
0
Mute
Left
0
1
0
1
Left
Left
0
110Right
Left
Reverse
0
1
1
1
(L+R)/2
Left
1
0
0
0
Mute
Right
1
0
0
1
Left
Right
Stereo (default)
1
010Right
Right
1
0
1
1
(L+R)/2
Right
1
1
0
0
Mute
(L+R)/2
1
1
0
1
Left
(L+R)/2
1
110Right
(L+R)/2
1
1
1
1
(L+R)/2
(L+R)/2
Mono
IIS
Audio Data Format
The IIS bit is used to select the audio data format, either Standard Right-Justified or I2S.
IIS = 0
Standard Right Justified (default)
IIS = 1
I2S
LRP
LRCK Polarity
The LRP bit selects the polarity of left/right clock input (LRCK) when using the Standard Right-Justified audio
data format. This bit has no effect when using the I2S audio data format.
LRP = 0
Left Channel when LRCK = High; Right Channel when LRCK = Low (default)
LRP = 1
Left Channel when LRCK = Low; Right Channel when LRCK = High
ATC
Attenuation Mode Control
The ATC bit is used to select independent or common attenuation data for the Left and Right channels.
ATC = 0
Independent: Left Channel uses Register 0 and Right Channel uses Register 1 (default)
ATC = 1
Common: Left and Right Channels both use Register 0
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 3
res
res
res
res
res
0
1
1
SF1
SF0
DSR1
DSR0
SYS
ATC
LRP
IIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com