Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1794A Datasheet (PDF) - Texas Instruments

PCM1794A Datasheet PDF - Texas Instruments
Part # PCM1794A
Download  PCM1794A Download
File Size   676.67 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1794A 24-Bit, 192-kHz Sampling, Advanced Segment, Audio Stereo Digital-to-Analog Converter

PCM1794A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1794A Datasheet PDF - Texas Instruments

Part # PCM1794A
Download  PCM1794A Click to download

File Size   676.67 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1794A 24-Bit, 192-kHz Sampling, Advanced Segment, Audio Stereo Digital-to-Analog Converter

PCM1794A Datasheet (HTML) - Texas Instruments


PCM1794A Product details

1 Features
1• 24-Bit Resolution
• Analog Performance:
– Dynamic Range:
– 132 dB (9 V RMS, Mono)
– 129 dB (4.5 V RMS, Stereo)
– 127 dB (2 V RMS, Stereo)
– THD+N: 0.0004%
• Differential Current Output: 7.8 mA p-p
• 8× Oversampling Digital Filter:
– Stop-Band Attenuation: –130 dB
– Pass-Band Ripple: ±0.00001 dB
• Sampling Frequency: 10 kHz to 200 kHz
• System Clock: 128, 192, 256, 384, 512, or 768 fS
With Autodetect
• Accepts 16-Bit and 24-Bit Audio Data
• PCM Data Formats: Standard, I2S, and Left-
Justified
• Optional Interface Available to External Digital
Filter or DSP
• Digital De-Emphasis
• Digital Filter Rolloff: Sharp or Slow
• Soft Mute
• Zero Flag
• Dual-Supply Operation: 5-V Analog, 3.3-V Digital
• 5-V Tolerant Digital Inputs
• Small 28-Pin SSOP Package

2 Applications
• A/V Receivers
• DVD Players
• Musical Instruments
• Car Audio Systems
• Other Applications Requiring 24-Bit Audio

3 Description
The PCM1794A device is a monolithic, CMOS- integrated circuit that includes stereo digital-to-analog
converters (DACs) and support circuitry in a small 28-
pin SSOP package. The data converters use TI’s
advanced segment DAC architecture to achieve excellent dynamic performance and improved
tolerance to clock jitter. The PCM1794A device
provides balanced current outputs, allowing the user
to optimize analog performance externally. Sampling
rates up to 200 kHz are supported.




Similar Part No. - PCM1794A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1794A TI2-PCM1794A Datasheet
669Kb / 36P
PCM1794A-Q1 24-Bit, 192-kHz Sampling, Advanced Segment, Audio Stereo Digital-to-Analog Converter
REVISED DECEMBER 2015
PCM1794A-Q1 TI1-PCM1794A-Q1 Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1794A-Q1 TI2-PCM1794A-Q1 Datasheet
669Kb / 36P
PCM1794A-Q1 24-Bit, 192-kHz Sampling, Advanced Segment, Audio Stereo Digital-to-Analog Converter
REVISED DECEMBER 2015
More results


Similar Description - PCM1794A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com