Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1794A Datasheet (PDF) - Texas Instruments

PCM1794A Datasheet PDF - Texas Instruments
Part # PCM1794A
Download  PCM1794A Download
File Size   669.43 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1794A-Q1 24-Bit, 192-kHz Sampling, Advanced Segment, Audio Stereo Digital-to-Analog Converter

PCM1794A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1794A Datasheet PDF - Texas Instruments

Part # PCM1794A
Download  PCM1794A Click to download

File Size   669.43 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCM1794A-Q1 24-Bit, 192-kHz Sampling, Advanced Segment, Audio Stereo Digital-to-Analog Converter

PCM1794A Datasheet (HTML) - Texas Instruments


PCM1794A Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
– Device HBM Classification Level 2
– Device CDM Classification Level C6
• 24-Bit Resolution CMOS•
Analog Performance:
– Dynamic Range:
– 132 dB (9 V RMS, Mono)
– 129 dB (4.5 V RMS, Stereo)
– 127 dB (2 V RMS, Stereo)
– THD+N: 0.0004%
• Differential Current Output: 7.8 mA p-p
• 8× Oversampling Digital Filter:
– Stop-Band Attenuation: –130 dB
– Pass-Band Ripple: ±0.00001 dB
• Sampling Frequency: 10 kHz to 200 kHz
• System Clock: 128, 192, 256, 384, 512, or 768 fS
With Autodetect
• Accepts 16-Bit and 24-Bit Audio Data
• PCM Data Formats: Standard, I2S, and Left-
Justified
• Optional Interface Available to External Digital
Filter or DSP
• Digital De-Emphasis
• Digital Filter Rolloff: Sharp or Slow
• Soft Mute
• Zero Flag
• Dual-Supply Operation: 5-V Analog, 3.3-V Digital
• 5-V Tolerant Digital Inputs
• Small 28-Pin SSOP Package

2 Applications
• A/V Receivers
• Automotive Head Units
• Musical Instruments
• Car Audio Systems
• Other Applications Requiring 24-Bit Audio

3 Description
The PCM1794A-Q1 device is a monolithic, CMOS•
integrated circuit that includes stereo digital-to-analog converters (DACs) and support circuitry in a small 28-
pin SSOP package. The data converters use TI’s
advanced segment DAC architecture to achieve
excellent dynamic performance and improved
tolerance to clock jitter. The PCM1794A-Q1 device
provides balanced current outputs, allowing the user
to optimize analog performance externally. Sampling
rates up to 200 kHz are supported.




Similar Part No. - PCM1794A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1794A TI2-PCM1794A Datasheet
676Kb / 37P
PCM1794A 24-Bit, 192-kHz Sampling, Advanced Segment, Audio Stereo Digital-to-Analog Converter
REVISED DECEMBER 2015
PCM1794A-Q1 TI1-PCM1794A-Q1 Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1794A-Q1 TI2-PCM1794A-Q1 Datasheet
676Kb / 37P
PCM1794A 24-Bit, 192-kHz Sampling, Advanced Segment, Audio Stereo Digital-to-Analog Converter
REVISED DECEMBER 2015
More results


Similar Description - PCM1794A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com