Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807 Datasheet (PDF) - Texas Instruments

PCM1807 Datasheet PDF - Texas Instruments
Part # PCM1807
Download  PCM1807 Download
File Size   627.93 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter

PCM1807 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1807 Datasheet PDF - Texas Instruments

Part # PCM1807
Download  PCM1807 Click to download

File Size   627.93 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter

PCM1807 Datasheet (HTML) - Texas Instruments


PCM1807 Product details

FEATURES
· 24-Bit Delta-Sigma Stereo A/D Converter
· Single-Ended Voltage Input: 3 Vp-p
· Oversampling Decimation Filter:
– Oversampling Frequency: ´64
– Pass-Band Ripple: ±0.05 dB
– Stop-Band Attenuation: –65 dB
– On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
· High Performance:
– THD+N: –93 dB (Typical)
– SNR: 99 dB (Typical)
– Dynamic Range: 99 dB (Typical)
· PCM Audio Interface With SPI Control:
– Master/Slave Mode Selectable
– Data Formats: 24-Bit Left-Justified, 24-Bit
I2S
· Multiple Functions with SPI Control:
– Power Down
– Mute with Fade-Out and Fade-In
– Polarity Control
· Analog Antialias LPF Included
· Sampling Rate: 16–96 kHz
· System Clock: 256 f S, 384 fS, 512 fS
· Dual Power Supplies:
– 5-V for Analog
– 3.3-V for Digital
· Package: 14-Pin TSSOP

APPLICATIONS
· DVD Recorder
· Digital TV
· AV Amplifier/Receiver
· MD Player
· CD Recorder
· Multitrack Receiver
· Electric Musical Instrument

DESCRIPTION
The PCM1807 is high-performance, low-cost,
single-chip stereo analog-to-digital converter with
single-ended analog voltage input. The PCM1807
uses a delta-sigma modulator with 64-times
oversampling and includes a digital decimation filter
and high-pass filter that removes the dc component
of the input signal. For various applications, the
PCM1807 supports master and slave mode and two
data formats in serial audio interface.
The PCM1807 has many functions which are controlled
through SPI serial-control port: power down,
fade-in and fade-out, polarity control, etc.
The PCM1807 is suitable for wide variety of
cost-sensitive consumer applications where good per-
formance and operation with a 5-V analog supply and
3.3-V digital supply is required. The PCM1807 is
fabricated using a highly advanced CMOS process
and is available in a small, 14-pin TSSOP package.




Similar Part No. - PCM1807

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
logo
Burr-Brown (TI)
PCM1807PW BURR-BROWN-PCM1807PW Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807PW TI1-PCM1807PW Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
PCM1807PWG4 TI1-PCM1807PWG4 Datasheet
796Kb / 33P
96-kHz Stereo A/D Converter
More results


Similar Description - PCM1807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com