Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1807
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1807 Datasheet HTML 1Page - Texas Instruments PCM1807 Datasheet HTML 2Page - Texas Instruments PCM1807 Datasheet HTML 3Page - Texas Instruments PCM1807 Datasheet HTML 4Page - Texas Instruments PCM1807 Datasheet HTML 5Page - Texas Instruments PCM1807 Datasheet HTML 6Page - Texas Instruments PCM1807 Datasheet HTML 7Page - Texas Instruments PCM1807 Datasheet HTML 8Page - Texas Instruments PCM1807 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM1807
SLES147 – SEPTEMBER 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
over operating free-air temperature range (unless otherwise noted) (1)
PCM1807
Analog supply voltage, VCC
–0.3 V to 6.5 V
Digital supply voltage, VDD
–0.3 V to 4 V
Ground voltage differences, AGND, DGND
±0.1 V
Digital input voltage, LRCK, BCK, DOUT
–0.3 V to (VDD + 0.3 V) < 4 V
Digital input voltage, MD, MC, MS, SCKI
–0.3 V to 6.5 V
Analog input voltage, VINL, VINR, VREF
–0.3 V to (VCC + 0.3 V) < 6.5 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias, TA
–40
°C to 125°C
Storage temperature, Tstg
–55
°C to 150°C
Junction temperature, TJ
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (reflow, peak)
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC
4.5
5
5.5
V
Digital supply voltage, VDD
2.7
3.3
3.6
V
Analog input voltage, full scale (–0 dB)
VCC = 5 V
3
Vp-p
Digital input logic family
TTL compatible
Digital input clock frequency, system clock
4.096
49.152
MHz
Digital input clock frequency, sampling clock
16
96
kHz
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–40
85
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com