Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1807
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1807 Datasheet HTML 9Page - Texas Instruments PCM1807 Datasheet HTML 10Page - Texas Instruments PCM1807 Datasheet HTML 11Page - Texas Instruments PCM1807 Datasheet HTML 12Page - Texas Instruments PCM1807 Datasheet HTML 13Page - Texas Instruments PCM1807 Datasheet HTML 14Page - Texas Instruments PCM1807 Datasheet HTML 15Page - Texas Instruments PCM1807 Datasheet HTML 16Page - Texas Instruments PCM1807 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.ti.com
CLOCK-HALT RESET FUNCTIONS
Clock-Halt Reset
SCKI
T0081-01
48/fin or 48/fS
Fade-In Start
Fade-In Complete
Internal
Reset
Operation
Operation
DOUT
Normal Data
Normal Data
DOUT
(Contents)
Normal Data
SCKI Halt
SCKI Resume
Fixed to Low or High
t(CKR)
Reset: t(RST)
Reset Release: t(REL)
BPZ
Zero Data
PCM1807
SLES147 – SEPTEMBER 2005
The PCM1807 has a reset function, which is triggered by halting SCKI (pin 6) in both master and slave modes.
The function is available anytime after power on. Reset and power down are performed automatically 4
µs
(minimum) after SCKI is halted. While the clock-halt reset is asserted, the PCM1807 stays in the reset and
power-down mode, and DOUT is forced to zero. Also, all registers except the mode control registers are reset
once. If minimization of power dissipation is required, the PDWN bit must be set to HIGH prior to halting SCKI
through the serial control port as described in the SPI Serial Control Port for Mode Control section. SCKI must be
supplied to release the reset and power-down mode. The digital output is valid after the reset state is released
and the time of 1024 SCKI + 8960/fS has elapsed. Because the fade-in operation is performed, it takes additional
time of 48/fin or 48/fS until the level corresponding to the analog input signal is obtained. Figure 20 illustrates the
clock-halt reset timing.
To avoid ADC performance degradation, BCK (pin 8) and LRCK (pin 7) are required to synchronize with SCKI
within 4480/fS after SCKI is resumed. If it takes more than 4480/fS for BCK and LRCK to synchronize with SCKI,
SCKI should be masked until the synchronization is formed again, taking care of glitch and jitter. See the typical
circuit connection diagram, Figure 31
To avoid ADC performance degradation, the clock-halt reset also should be asserted when fS, SCKI, MD[1:0],
FMT bits, etc., are changed on the fly.
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(CKR)
Delay time from SCKI halt to internal reset
4
µs
t(RST)
Delay time from SCKI resume to reset release
1024 SCKI
µs
t(REL)
Delay time from reset release to DOUT output
8960/fS
µs
Figure 20. Clock-Halt Reset Timing
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com