Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1807 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1807
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1807 Datasheet HTML 17Page - Texas Instruments PCM1807 Datasheet HTML 18Page - Texas Instruments PCM1807 Datasheet HTML 19Page - Texas Instruments PCM1807 Datasheet HTML 20Page - Texas Instruments PCM1807 Datasheet HTML 21Page - Texas Instruments PCM1807 Datasheet HTML 22Page - Texas Instruments PCM1807 Datasheet HTML 23Page - Texas Instruments PCM1807 Datasheet HTML 24Page - Texas Instruments PCM1807 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.ti.com
SYSTEM RESET
T0084-01
48/fin or 48/fS
Fade-In Start
Fade-In Complete
DOUT
DOUT
(Contents)
Reset: t(RST)
Reset Release: t(REL)
Zero Data
SCKI
SRST
Internal
Reset
Normal Data
Normal Data
Normal Data
BPZ
PCM1807
SLES147 – SEPTEMBER 2005
The SRST bit controls the entire ADC operation except fade-out. DOUT is forced to zero immediately and the
PCM1807 goes into power-down state. Also, all registers except the mode control register are reset once. The
PCM1807 minimizes power dissipation during the power-down state. When the PCM1807 powers up, the digital
output is valid after the reset state is released and the time of 1024 SCKI + 8960/fS has elapsed. Because the
fade-in operation is performed, it takes additional time of 48/fin or 48/fS until the level corresponding to the analog
input signal is obtained. Figure 27 illustrates DOUT behavior during the power-down and power-up sequences by
SRST.
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(RST)
Delay time from SCKI resume to reset release
1024 SCKI
µs
t(REL)
Delay time from reset release to DOUT output
8960/fS
µs
Figure 27. Power-Up/Power-Down Sequence by SRST
Table 8. System Reset Control
SRST
SYSTEM RESET
0
System reset
1
Normal operation (default)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com