Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3010 Datasheet (PDF) - Texas Instruments

PCM3010 Datasheet PDF - Texas Instruments
Part # PCM3010
Download  PCM3010 Download
File Size   572.05 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT

PCM3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM3010 Datasheet PDF - Texas Instruments

Part # PCM3010
Download  PCM3010 Click to download

File Size   572.05 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT

PCM3010 Datasheet (HTML) - Texas Instruments


PCM3010 Product details

FEATURES
24-Bit Delta-Sigma ADC and DAC
Stereo ADC:
– Single-Ended Voltage Input: 3 Vp-p
– Antialiasing Filter Included
– 1/128, 1/64 Decimation Filter:
– Pass-Band Ripple: ±0.05 dB
– Stop-Band Attenuation: –65 dB
– On-Chip High-Pass Filter: 0.84 Hz at
fS = 44.1 kHz
– High Performance:
– THD+N: –95 dB (Typical)
– SNR: 100 dB (Typical)
– Dynamic Range: 102 dB (Typical)
Stereo DAC:
– Single-Ended Voltage Output: 3 Vp-p
– Analog Low-Pass Filter Included
– ×8 Oversampling Digital Filter:
– Pass-Band Ripple: ±0.03 dB
– Stop-Band Attenuation: –50 dB
– High Performance:
– THD+N: –96 dB (Typical)
– SNR: 104 dB (Typical)
– Dynamic Range: 104 dB (Typical)
Multiple Functions:
– Digital De-Emphasis: 32 kHz, 44.1 kHz,
48 kHz
– Power Down: ADC/DAC Simultaneous
– 16-, 24-Bit Audio Data Formats
Sampling Rate: 16–96 kHz (ADC), 16–192 kHz
(DAC)
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
512 fS, 768 fS
Dual Power Supplies: 5 V for Analog and 3.3 V
for Digital
Package: 24-Pin SSOP, Lead-Free Product

APPLICATIONS
DVD Recorders
CD Recorders
PC Audio
Sound Control System

DESCRIPTION
The PCM3010 is a low-cost single-chip 24-, 16-bit
stereo audio codec (ADC and DAC) with single-ended
analog voltage input and output. Both the
analog-to-digital converters (ADCs) and digital-toanalog
converters (DACs) employ delta-sigma
modulation with 64-times oversampling. The ADCs
include a digital decimation filter with a high-pass filter,
and the DACs include an 8-times-oversampling digital
interpolation filter. The DACs also include a digital
de-emphasis function. The PCM3010 accepts four
different audio data formats for the ADC and DAC. The
PCM3010 provides a power-down mode, which works
on the ADC and DAC simultaneously. The PCM3010 is
suitable for a wide variety of cost-sensitive consumer
applications where good performance is required. The
PCM3010 is fabricated using a highly advanced CMOS
process and is available in a small 24-pin SSOP
package.




Similar Part No. - PCM3010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3010DB TI-PCM3010DB Datasheet
434Kb / 31P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM3010DB TI1-PCM3010DB Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PCM3010DBG4 TI1-PCM3010DBG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PCM3010DBR TI-PCM3010DBR Datasheet
434Kb / 31P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
More results


Similar Description - PCM3010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3010 TI-PCM3010 Datasheet
434Kb / 31P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com