Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3501 Datasheet (PDF) - Texas Instruments

PCM3501 Datasheet PDF - Texas Instruments
Part # PCM3501
Download  PCM3501 Download
File Size   350.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC

PCM3501 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM3501 Datasheet PDF - Texas Instruments

Part # PCM3501
Download  PCM3501 Click to download

File Size   350.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC

PCM3501 Datasheet (HTML) - Texas Instruments


PCM3501 Product details

FEATURES
16-BIT DELTA-SIGMA DAC AND ADC
DIFFERENTIAL INPUT AND OUTPUT
DESIGNED FOR MODEM ANALOG FRONT END:
Supports up to 56kbps Operation
ANALOG PERFORMANCE:
Sampling Frequency: 7.2kHz to 26kHz
Dynamic Range: 88dB (typ) at fS = 8kHz, fIN = 1kHz
SYSTEM CLOCK: 512fS
MASTER OR SLAVE OPERATION
ON-CHIP CRYSTAL OSCILLATOR CIRCUIT
ADC-TO-DAC LOOP-BACK MODE
TIME SLOT MODE SUPPORTS UP TO
FOUR CODECs ON A SINGLE SERIAL
INTERFACE
POWER-DOWN MODE: 60mA (typ)
SINGLE +2.7V TO +3.6V POWER SUPPLY
SMALL PACKAGE: 24-Lead SSOP

APPLICATIONS
SOFTWARE MODEMS FOR:
Personal Digital Assistant
Notebook and Hand-Held PCs
Set-Top Box
Digital Television
Embedded Systems
PORTABLE VOICE RECORDER/PLAYER
SPEECH RECOGNITION/SYNTHESIS
TELECONFERENCING PRODUCTS

DESCRIPTION
The PCM3501 is a low cost, 16-bit CODEC designed
for modem Analog Front End (AFE) and speech processing
applications. The PCM3500’s low power operation
from +2.7V to +3.6V power supplies, along
with an integrated power-down mode, make it ideal for
portable applications.
The PCM3501 integrates all of the functions needed for
a modem or voice CODEC, including delta-sigma
digital-to-analog and analog-to-digital converters, input
anti-aliasing filter, digital high-pass filter for DC
blocking, and an output low-pass filter. The synchronous
serial interface provides for a simple, or glue-free
interface to popular DSP and RISC processors. The
serial interface also supports Time Division Multiplexing
(TDM), allowing up to four CODECs to share a
single 4-wire serial bus.




Similar Part No. - PCM3501

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3501 TI1-PCM3501 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
logo
Burr-Brown (TI)
PCM3501E BURR-BROWN-PCM3501E Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3501E TI1-PCM3501E Datasheet
384Kb / 28P
VOICE/MODEM CODEC
PCM3501E/2K TI1-PCM3501E/2K Datasheet
384Kb / 28P
VOICE/MODEM CODEC
More results


Similar Description - PCM3501

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
16-Bit Mono Audio Voice Codec
Rev 0; 10/08
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
16-Bit Mono Audio Voice Codec
Rev 2; 2/12
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
Low Power Mono Audio CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com