Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3501 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM3501
Description  Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3501 Datasheet(HTML) 2 Page - Texas Instruments

  PCM3501 Datasheet HTML 1Page - Texas Instruments PCM3501 Datasheet HTML 2Page - Texas Instruments PCM3501 Datasheet HTML 3Page - Texas Instruments PCM3501 Datasheet HTML 4Page - Texas Instruments PCM3501 Datasheet HTML 5Page - Texas Instruments PCM3501 Datasheet HTML 6Page - Texas Instruments PCM3501 Datasheet HTML 7Page - Texas Instruments PCM3501 Datasheet HTML 8Page - Texas Instruments PCM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
®
2
PCM3501
SPECIFICATIONS
All specifications at TA = +25°C, VDD = VCC = 3.3V, fS = 8kHz, and nominal system clock (XTI) = 512fS, and differntial input and output mode, unless otherwise noted.
Measurement band is 100Hz to 0.425fS.
NOTES: (1) Pins 6, 7, 8, 9, 10, 15, 17, 18, 19, 20 (M/S, TSC, BCK, FS, DIN, SCKIO, XTI, HPFD, LOOP, PDWN). (2) Pins 8, 9, 10, 15, 17 (BCK, FS, DIN, SCKIO,
XTI (Schmitt-Trigger input). (3) Pins 6, 7, 18, 19, 20 (M/S, TSC, HPFD, LOOP, PDWN; (Schmitt-Trigger input with internal pull-down). (4) Pins 8, 9, 11, 12, 15,
16 (BCK, FS, DOUT, FSO, SCKIO, XTO). (5) If VCOM load impedance (RCOM) is lower than 100kΩ, the user needs to connect external resistors to AGND and
VCC with resistance of RCOM/10 or lower. (6) fIN = 1kHz, Audio Precision System II, RMS mode with 3.4kHz LPF, 100Hz HPF.
MSB-First, Binary Two’s Complement
PCM3501E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
DATA FORMAT
Serial Data Interface Format
DSP Format
Serial Data Bit Length
16
Bits
Serial Data Format
Sampling Frequency, fS
ADC and DAC
7.2
8
26
kHz
System Clock Frequency, 512fS
3.686
4.096
13.312
MHz
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Input Logic Level: VIH(1)
0.7 • VDD
VDC
VIL(1)
0.3 • VDD
VDC
Input Logic Current: IIN(2)
±1
µA
IIN(3)
100
µA
Output Logic Level: VOH(4)
IOUT = –1mA
VDD – 0.3
VDC
VOL(4)
IOUT = +1mA
0.3
VDC
REFERENCE
Voltage Common: VCOM
VIN = BPZ, VOUT = BPZ
0.5VCC
V
VCOM Load Impedance: RCOM(5)
100
k
Ω
ADC CHARACTERISTICS
DC ACCURACY
Input Voltage (Differential)
VIN = VIN+ – VIN–
1.2VCC
Vp-p
Gain Error
±2
±5
% of FSR
Offset Error
HPF OFF
±2
% of FSR
Input Resistance
50
k
Ω
AC ACCURACY(6)
THD+N
fIN = 1kHz, VIN = –0.5dB
–85
–80
dB
Dynamic Range
82
88
dB
Signal-to-Noise Ratio
82
88
dB
Crosstalk
DAC Channel Idle, 0dB Input
78
82
dB
Passband Ripple
HPF ON, 0.0002fS to 0.425fS
±0.05
dB
HPF OFF, 0fS to 0.425fS
±0.05
dB
Roll-Off
HPF ON, at 0.00002fS
–3
dB
HPF ON, at 0.56fS
–30
dB
Stopband Rejection
0.58fS to fS
–65
dB
Group Delay
18/fS
4m
sec
DAC CHARACTERISTICS
DC ACCURACY
Output Voltage (Differential)
VOUT = VOUT+ – VOUT–
1.2 VCC
Vp-p
Gain Error
±1
±5
% of FSR
Offset Error
±1
% of FSR
Load Resistance
10
k
Ω
AC ACCURACY(6)
THD+N
fIN = 1kHz, VOUT = 0dB
–90
–82
dB
Dynamic Range
84
92
dB
Signal-to-Noise Ratio
84
94
dB
Crosstalk
ADC Channel Idle, –0.5dB Input
84
92
dB
Passband Ripple
0fS to 0.425fS
±0.4
dB
Group Delay
12/fS
4m
sec
POWER SUPPLY REQUIREMENTS
Voltage Range
VCC, VDD
2.7
3.3
3.6
VDC
Supply Current in operation mode
VCC = VDD =3.3V
9
12
mA
Total Supply Current in Power-Down Mode
VCC = VDD = 3.3V, XTI Stopped
60
µA
Total Power Dissipation
VCC = VDD = 3.3V
30
40
mW
TEMPERATURE RANGE
Operating
–25
+85
°C
Storage
–55
+125
°C
Thermal Resistance,
θ
JA
24-pin SSOP
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com