Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5060BCCZN Datasheet (PDF) - Analog Devices

ADRF5060BCCZN Datasheet PDF - Analog Devices
Part # ADRF5060BCCZN
Download  ADRF5060BCCZN Download
File Size   830.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz

ADRF5060BCCZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5060BCCZN Datasheet PDF - Analog Devices

Part # ADRF5060BCCZN
Download  ADRF5060BCCZN Click to download

File Size   830.38 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz

ADRF5060BCCZN Datasheet (HTML) - Analog Devices


ADRF5060BCCZN Product details

FEATURES
► Wideband frequency range: 100MHz to 20GHz
► Nonreflective design with on-chip 50Ω terminations
► Low insertion loss
► 0.7dB typical to 12GHz (external path)
► 0.95dB typical to 20GHz (external path)
► 1.15dB typical to 12GHz (through path)
► 1.3dB typical to 20GHz (through path)
► High isolation
► 50dB typical to 12GHz
► 42dB typical to 20GHz
► High input linearity
► P0.1dB: >33dBm typical
► Input IP3: >58dBm typical
► High RF input power
► 30dBm external paths
► 18dBm terminated path
► 30dBm hot switching
► ESD ratings
► HBM: ±1.25kV for all pins
► CDM: ±500V for all pins
► On time and off time (50% V1 or V2 to 10% to 90% of RFOUT):
60ns
► 0.1dB RF settling time (50% V1 or V2 to 0.1dB of final RFOUT):
110ns
► No low frequency spurs
► 30-terminal, 4mm × 3mm, LGA packaging

APPLICATIONS
► Test instrumentation
► Military radios, radars, and electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5060BCCZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5062 AD-ADRF5062 Datasheet
608Kb / 11P
100 MHz to 13 GHz, Differential SPDT Switch
Rev. A
ADRF5062-EVALZ AD-ADRF5062-EVALZ Datasheet
608Kb / 11P
100 MHz to 13 GHz, Differential SPDT Switch
Rev. A
ADRF5062BCCZN AD-ADRF5062BCCZN Datasheet
608Kb / 11P
100 MHz to 13 GHz, Differential SPDT Switch
Rev. A
ADRF5062BCCZN-R7 AD-ADRF5062BCCZN-R7 Datasheet
608Kb / 11P
100 MHz to 13 GHz, Differential SPDT Switch
Rev. A
More results


Similar Description - ADRF5060BCCZN

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2241 SPECTRUM-TWD2241 Datasheet
63Kb / 1P
SP3T RF SWITCH
TWH5016 SPECTRUM-TWH5016 Datasheet
55Kb / 1P
SP3T RF SWITCH
TWP2248 SPECTRUM-TWP2248 Datasheet
52Kb / 1P
SP3T RF SWITCH
logo
API Technologies Corp
TWD2300 APITECH-TWD2300 Datasheet
72Kb / 1P
SP3T RF SWITCH MODEL
logo
Skyworks Solutions Inc.
RFX8422 SKYWORKS-RFX8422 Datasheet
640Kb / 7P
2.4GHZ CMOS WLAN / BLUETOOTH RFEIC WITH PA, LNA WITH BYPASS & SP3T SWITCH
RFX8422S SKYWORKS-RFX8422S Datasheet
611Kb / 7P
2.4GHZ CMOS WLAN / BLUETOOTH RFEIC WITH PA, LNA WITH BYPASS & SP3T SWITCH
logo
Infineon Technologies A...
BGS13SL9 INFINEON-BGS13SL9 Datasheet
2Mb / 14P
Wideband RF SP3T Switch
Revision 2.4, 2014-05-27
logo
Mini-Circuits
JSW3-23DR-75 MINI-JSW3-23DR-75 Datasheet
384Kb / 7P
SP3T RF Switch
JSW3-272DR MINI-JSW3-272DR Datasheet
380Kb / 7P
SP3T RF Switch
logo
Maxim Integrated Produc...
MAX14713EWL MAXIM-MAX14713EWL Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com