Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062 Datasheet (PDF) - Analog Devices

ADRF5062 Datasheet PDF - Analog Devices
Part # ADRF5062
Download  ADRF5062 Download
File Size   608.76 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 13 GHz, Differential SPDT Switch

ADRF5062 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5062 Datasheet PDF - Analog Devices

Part # ADRF5062
Download  ADRF5062 Click to download

File Size   608.76 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 MHz to 13 GHz, Differential SPDT Switch

ADRF5062 Datasheet (HTML) - Analog Devices


ADRF5062 Product details

FEATURES
► Frequency range: 100 MHz to 13 GHz
► Nonreflective, differential, 100 Ω impedance design
► Low insertion loss
► 0.9 dB to 10 GHz
► 1.0 dB to 13 GHz
► High isolation
► >45 dB to 10 GHz
► >40 dB to 13 GHz
► High input linearity
► P0.1dB: >34 dBm typical
► IP3: 65 dBm typical
► High power handling
► Through path: 33 dBm typical
► Terminated path: 30 dBm typical
► Hot switching: 27 dBm typical
► On and off time: 60 ns typical
► Positive control interface: CMOS-/LVTTL-compatible
► All off state control
► Pin-compatible with ADRF5063, low-frequency cutoff version
► 20-terminal, 3.0 mm × 3.0 mm LGA package
APPLICATIONS
► Test instrumentation
► Data converter interfaces
► High data rate interfaces




Similar Part No. - ADRF5062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5060 AD-ADRF5060 Datasheet
830Kb / 16P
Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
Rev. 0
ADRF5060BCCZN AD-ADRF5060BCCZN Datasheet
830Kb / 16P
Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
Rev. 0
ADRF5060BCCZN-R7 AD-ADRF5060BCCZN-R7 Datasheet
830Kb / 16P
Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
Rev. 0
More results


Similar Description - ADRF5062

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13278-313LF SKYWORKS-SKY13278-313LF Datasheet
261Kb / 6P
GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
GaAs SPDT Switch 100 MHz-2.5 GHz
logo
Peregrine Semiconductor
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
logo
Skyworks Solutions Inc.
SKY13306-313LF SKYWORKS-SKY13306-313LF Datasheet
237Kb / 5P
GaAs SPDT Switch 100 MHz?? GHz
SKYA21001 SKYWORKS-SKYA21001 Datasheet
502Kb / 7P
20 MHz to 3.0 GHz SPDT Switch
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com