Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5062
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5062 Datasheet HTML 1Page - Analog Devices ADRF5062 Datasheet HTML 2Page - Analog Devices ADRF5062 Datasheet HTML 3Page - Analog Devices ADRF5062 Datasheet HTML 4Page - Analog Devices ADRF5062 Datasheet HTML 5Page - Analog Devices ADRF5062 Datasheet HTML 6Page - Analog Devices ADRF5062 Datasheet HTML 7Page - Analog Devices ADRF5062 Datasheet HTML 8Page - Analog Devices ADRF5062 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
ADRF5062
100 MHz to 13 GHz, Differential SPDT Switch
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Frequency range: 100 MHz to 13 GHz
►
Nonreflective, differential, 100 Ω impedance design
►
Low insertion loss
►
0.9 dB to 10 GHz
►
1.0 dB to 13 GHz
►
High isolation
►
>45 dB to 10 GHz
►
>40 dB to 13 GHz
►
High input linearity
►
P0.1dB: >34 dBm typical
►
IP3: 65 dBm typical
►
High power handling
►
Through path: 33 dBm typical
►
Terminated path: 30 dBm typical
►
Hot switching: 27 dBm typical
►
On and off time: 60 ns typical
►
Positive control interface: CMOS-/LVTTL-compatible
►
All off state control
►
Pin-compatible with ADRF5063, low-frequency cutoff version
►
20-terminal, 3.0 mm × 3.0 mm LGA package
APPLICATIONS
►
Test instrumentation
►
Data converter interfaces
►
High data rate interfaces
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5062 is a silicon, nonreflective, differential, SPDT switch.
The ADRF5062 operates from 100 MHz to 13 GHz with insertion
loss of lower than 1.0 dB and isolation of higher than 40 dB. The
ADRF5062 has a RF input power handling capability of differential
33 dBm for through paths, differential 30 dBm for terminated paths
and differential 27 dBm hot switching at the RF common port.
The ADRF5062 can operate with dual-supply voltages of ±3.3 V
or a single-supply voltage of +3.3V when VSS is connected to
GND. The ADRF5062 employs complementary metal-oxide sem-
iconductor (CMOS)-compatible and low voltage transistor logic
(LVTTL)-compatible controls. The ADRF5062 has an enable control
to feature all off states.
The ADRF5062 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is
connected to ground. In this operating condition, the small signal
performance is maintained while the switching characteristics, line-
arity, and power handling performance is derated. For more details,
see Table 2.
The ADRF5062 is pin-compatible with the ADRF5063, low-frequen-
cy cutoff version, which operates from 9 kHz to 13 GHz.
The ADRF5062 comes in a 20-terminal, 3.0 mm × 3.0 mm LGA
package and can operate from −40°C to +105°C.


Similar Part No. - ADRF5062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5060 AD-ADRF5060 Datasheet
830Kb / 16P
Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
Rev. 0
ADRF5060BCCZN AD-ADRF5060BCCZN Datasheet
830Kb / 16P
Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
Rev. 0
ADRF5060BCCZN-R7 AD-ADRF5060BCCZN-R7 Datasheet
830Kb / 16P
Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
Rev. 0
More results

Similar Description - ADRF5062

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13278-313LF SKYWORKS-SKY13278-313LF Datasheet
261Kb / 6P
GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
GaAs SPDT Switch 100 MHz-2.5 GHz
logo
Peregrine Semiconductor
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
logo
Skyworks Solutions Inc.
SKY13306-313LF SKYWORKS-SKY13306-313LF Datasheet
237Kb / 5P
GaAs SPDT Switch 100 MHz?? GHz
SKYA21001 SKYWORKS-SKYA21001 Datasheet
502Kb / 7P
20 MHz to 3.0 GHz SPDT Switch
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com