Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5062 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5062
Description  100 MHz to 13 GHz, Differential SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5062 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5062 Datasheet HTML 3Page - Analog Devices ADRF5062 Datasheet HTML 4Page - Analog Devices ADRF5062 Datasheet HTML 5Page - Analog Devices ADRF5062 Datasheet HTML 6Page - Analog Devices ADRF5062 Datasheet HTML 7Page - Analog Devices ADRF5062 Datasheet HTML 8Page - Analog Devices ADRF5062 Datasheet HTML 9Page - Analog Devices ADRF5062 Datasheet HTML 10Page - Analog Devices ADRF5062 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Data Sheet
ADRF5062
APPLICATIONS INFORMATION
analog.com
Rev. A | 10 of 11
The ADRF5062 has two power supply pins (VDD and VSS) and
two control pins (VCTL and EN). Figure 17 shows the external
components and connections for the supply and control pins.
The VDD and VSS pins are decoupled with 100 pF multilayer
ceramic capacitors. The ADRF5062 pinout allows the placement
of decoupling capacitors close to the device. No other external
components are needed for bias and operation, except for DC
blocking capacitors on the RFCx, RF1x, and RF2x pins when the
RF lines are biased at a voltage different than 0 V. For more details,
see the Pin Configuration and Function Descriptions section.
Figure 17. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally, and the pinout is
designed to mate a coplanar waveguide (CPWG) with a 50 Ω char-
acteristic impedance on the PCB. Figure 18 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003 dielectric material. The RF trace with a 14 mil width and
a 7 mil clearance is recommended for 1.5 mil finished copper
thickness.
Figure 18. Example PCB Stack-Up
Figure 19 shows the routing of the RF traces, supply, and control
signals from the ADRF5062. The ground planes are connected with
as many filled through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the ADRF5062 is the
bottom side.
Figure 19. PCB Routings
Figure 20 shows the recommended layout from the RF pins of the
ADRF5062 to the 50 Ω CPWG on the referenced stack-up. PCB
pads are drawn 1:1 to the device pads. The ground pads are drawn
solder mask defined, and the signal pads are drawn as pad defined.
The RF trace from the PCB pad is extended with the same width
till the package edge and tapered to the RF trace with a 45° angle.
The paste mask is also designed to match the pad without any
aperture reduction. The paste is divided into multiple openings for
the paddle.
Figure 20. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design and for further recommendations, contact Analog
Devices, Inc., Technical Support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com