Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNT Datasheet (PDF) - Nichicon corporation

LNT Datasheet PDF - Nichicon corporation
Part # LNT
Download  LNT Download
File Size   724.92 Kbytes
Page   5 Pages
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation
Description ALUMINUM ELECTROLYTIC CAPACITORS

LNT Datasheet (PDF)

Go To PDF Page Download Datasheet
LNT Datasheet PDF - Nichicon corporation

Part # LNT
Download  LNT Click to download

File Size   724.92 Kbytes
Page   5 Pages
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation
Description ALUMINUM ELECTROLYTIC CAPACITORS

LNT Datasheet (HTML) - Nichicon corporation


LNT Product details

Load life of 5,000 hours (2,000 hours for 10 to 250V,500V) application
of rated ripple current at +105°C.
Extended voltage range from 10V up to 500V.
Extended range up to φ100 × 250L 2size.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).




Similar Part No. - LNT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
LNT-350S150STF INVENTRONICS-LNT-350S150STF Datasheet
301Kb / 8P
350W Non-isolated IP20 Driver
Rev. A
LNT-350SXXXSTF INVENTRONICS-LNT-350SXXXSTF Datasheet
301Kb / 8P
350W Non-isolated IP20 Driver
Rev. A
logo
Nichicon corporation
LNT1A104MSE NICHICON-LNT1A104MSE Datasheet
86Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LNT1A104SEG NICHICON-LNT1A104SEG Datasheet
205Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LNT1A105MSE NICHICON-LNT1A105MSE Datasheet
86Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - LNT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com