Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNT-350S150STF Datasheet (PDF) - Inventronics Inc.

LNT-350S150STF Datasheet PDF - Inventronics Inc.
Part # LNT-350S150STF
Download  LNT-350S150STF Download
File Size   301.53 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 350W Non-isolated IP20 Driver

LNT-350S150STF Datasheet (PDF)

Go To PDF Page Download Datasheet
LNT-350S150STF Datasheet PDF - Inventronics Inc.

Part # LNT-350S150STF
Download  LNT-350S150STF Click to download

File Size   301.53 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 350W Non-isolated IP20 Driver

LNT-350S150STF Datasheet (HTML) - Inventronics Inc.


LNT-350S150STF Product details

Features
Non-Isolated Design with Low residual output voltage < 2 kV
Resistant to Corrosive Gases
Ultra High Efficiency (Up to 96.5%)
Adjustable Output Current (AOC) with External Resistor
Full Power at Wide Output Current Range (Constant Power)
Flicker- Free
Non-dimming Control
Long Lifetime Over 100,000 Hours at 70°C Case Temperature
Input Surge Protection: DM 2 kV, CM 4 kV
Suitable for Luminaires with Protection Class I
5 Year Warranty
Description
The LNT-350SxxxSTF series is a 350W, constant-current LED driver that operates from 342-457 Vac input with
excellent power factor. It is created for many lighting applications including high bay and horticulture, etc. The
high efficiency of these drivers and slim metal case enables them to run cooler, significantly improving reliability
and extending product life. To ensure trouble-free operation, protection is provided against over voltage, short
circuit, and over temperature.




Similar Part No. - LNT-350S150STF

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LNT NICHICON-LNT Datasheet
724Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LNT1A104MSE NICHICON-LNT1A104MSE Datasheet
86Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LNT1A104MSE NICHICON-LNT1A104MSE Datasheet
724Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
LNT1A104SEG NICHICON-LNT1A104SEG Datasheet
205Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
LNT1A105MSE NICHICON-LNT1A105MSE Datasheet
86Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - LNT-350S150STF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9441P WINSEMI-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Bright Power Semiconduc...
BP2513D BPS-BP2513D Datasheet
612Kb / 8P
Non-Isolated CCCV Driver IC
Rev.1.0
logo
Inventronics Inc.
LMT-080SXXXSTF INVENTRONICS-LMT-080SXXXSTF Datasheet
424Kb / 11P
80W Non-isolated IP20 Driver
Rev. A
LMT-160SXXXSTF INVENTRONICS-LMT-160SXXXSTF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
NEL-400SXXXMP INVENTRONICS-NEL-400SXXXMP Datasheet
778Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NEL-400SXXXMX INVENTRONICS-NEL-400SXXXMX Datasheet
799Kb / 13P
400W Non-Isolated Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com